Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 47 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 47 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 51Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
47
Table
Table
Table
Table 8
8
8
8....9
9
9
9 PWM2/21 Duty Control Register0 (PWM2DL)
Table
Table
Table
Table 8
8
8
8....10
10
10
10 PWM2/21 Duty Control Register1 (PWM2DH)
Notes:
Notes:
Notes:
Notes:
1. In edge aligned mode, PWM output duty cycle = [PDx.11, PDx.0] X PWM clock. (x = 1, 2)
In center aligned mode, PWM output duty cycle = 2 X [PDx.11, PDx.0] X PWM clock. (x = 1, 2)
2. If duty Register = 0x000, no Duty overflow interrupt occurs, but Period overflow interrupt will no be affected. PWM1/2
always outputs inactive level and PWM011/21 always output active level.
3. If Period ≤ Duty, no Duty overflow interrupt occurs, but Period overflow interrupt will no be affected. PWM1/2 always
outputs active level and PWM011/21 always output inactive level.
4. When writing these two register, low byte should be written first then write high byte, because high byte writing operation
will copy these two register to really counter, only change low byte is useless.
0D2
0D2
0D2
0D2H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
PWM2DL
PWM2DL
PWM2DL
PWM2DL
PD2.7
PD2.6
PD2.5
PD2.4
PD2.3
PD2.2
PD2.1
PD2.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-0
7-0
7-0
7-0
PD
PD
PD
PD2
2
2
2[7
[7
[7
[7::::0
0
0
0]]]]
PWM2/21 duty register low 8 bits
0D3
0D3
0D3
0D3H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
PWM
PWM
PWM
PWM2
2
2
2DH
DH
DH
DH
-
-
-
-
PD2.11
PD2.10
PD2.9
PD2.8
R/W
R/W
R/W
R/W
-
-
-
-
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
-
-
-
-
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
3-0
3-0
3-0
3-0
PD
PD
PD
PD2[
2[
2[
2[11
11
11
11::::8
8
8
8]]]]
PWM2/21 duty register high 4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com