Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 78 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 78 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 82Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
78
8.
8.
8.
8.9
9
9
9 Warm-up
Warm-up
Warm-up
Warm-up Timer
Timer
Timer
Timer
8.
8.
8.
8.9
9
9
9.1
.1
.1
.1 Feature
Feature
Feature
Feature
�
Built-in power on warm-up counter to eliminate unstable state of power on
�
Built-in oscillator warm-up counter to eliminate unstable state when oscillation startup
SH79F082 has a built-in power warm-up counter; it is designed to eliminate unstable state after power on or to do some
internal initial operation such as read customer option etc.
SH79F082 has also a built-in oscillator warm-up counter, it is designed to eliminate unstable state when oscillator starts
oscillating in the following conditions: Power-on reset, Pin reset, LVR reset, Watchdog Reset and Wake up from Power-down
mode.
After power-on, SH79F082 will start power warm-up procedure first, and then oscillator warm-up procedure.
Power
Power
Power
Power Warm-up
Warm-up
Warm-up
Warm-up T
T
T
Time
ime
ime
ime
OSC
OSC
OSC
OSC Warm-up
Warm-up
Warm-up
Warm-up T
T
T
Time
ime
ime
ime
Power
Power
Power
Power On
On
On
On Reset/
Reset/
Reset/
Reset/
Pin
Pin
Pin
Pin Reset/
Reset/
Reset/
Reset/
Low
Low
Low
Low Voltage
Voltage
Voltage
Voltage Reset
Reset
Reset
Reset
WDT
WDT
WDT
WDT R
R
R
Reset
eset
eset
eset
(Not
(Not
(Not
(Not in
in
in
in Power
Power
Power
Power----Down
Down
Down
Down Mode)
Mode)
Mode)
Mode)
WDT
WDT
WDT
WDT R
R
R
Reset
eset
eset
eset
(Wakeup
(Wakeup
(Wakeup
(Wakeup from
from
from
from Power
Power
Power
Power----Down
Down
Down
Down
Mode
Mode
Mode
Mode))))
Wakeup
Wakeup
Wakeup
Wakeup from
from
from
from Power
Power
Power
Power----Down
Down
Down
Down
Mode
Mode
Mode
Mode
(Only
(Only
(Only
(Only for
for
for
for interrupt)
interrupt)
interrupt)
interrupt)
TPWRT**
OSC
Warm up*
TPWRT**
OSC
Warm up*
TPWRT**
OSC
Warm up*
TPWRT**
OSC
Warm up*
11ms
YES
1000 CKs
NO
1000 CKs
YES
64 CKs
YES
Option:
Option:
Option:
Option:
OP_WMT
OP_WMT
OP_WMT
OP_WMT
Oscillator
Oscillator
Oscillator
Oscillator
Type
Type
Type
Type
00
00
00
00
01
01
01
01
10
10
10
10
11
11
11
11
Ceramic
Ceramic
Ceramic
Ceramic
213 X Tosc
211 X Tosc
29 X Tosc
27 X Tosc
Crystal
Crystal
Crystal
Crystal
217 X Tosc
215 X Tosc
213 X Tosc
211 X Tosc
Internal
Internal
Internal
Internal RC
RC
RC
RC
27 X Tosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com