Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 9 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 9 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 10Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 11Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 12Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 13Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
9
Table
Table
Table
Table 6.5
6.5
6.5
6.5 Interrupt SFRs
Table
Table
Table
Table 6.6
6.6
6.6
6.6 Timer SFRs
Table
Table
Table
Table 6.
6.
6.
6.7
7
7
7 Buzzer SFR
Table
Table
Table
Table 6.
6.
6.
6.8
8
8
8 OP & CMP SFR
Mnem
Mnem
Mnem
Mnem
Add
Add
Add
Add
Name
Name
Name
Name
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
////PIN
PIN
PIN
PIN Reset
Reset
Reset
Reset Value
Value
Value
Value
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
IEN0
A8h
Interrupt Enable Control 0
00-00000
EA
EADC
-
ES
ET1
EX1
ET0
EX0
IEN1
A9h
Interrupt Enable Control 1
-00-0---
-
EFLT
EPWM
-
EX4
-
-
-
IENC
BAh
Interrupt 4channel enable control
-----000
-
-
-
-
-
EXS42
EXS41
EXS40
IPH0
B4h
Interrupt Priority Control High 0
-0-00000
-
PADCH
-
PSH
PT1H
PX1H
PT0H
PX0H
IPL0
B8h
Interrupt Priority Control Low 0
-0-00000
-
PADCL
-
PSL
PT1L
PX1L
PT0L
PX0L
IPH1
B5h
Interrupt Priority Control High 1
-00-0---
-
PFLTH
PPWMH
-
PX4H
-
-
-
IPL1
B9h
Interrupt Priority Control Low 1
-00-0---
-
PFLTL
PPWML
-
PX4L
-
-
-
EXF1
D8h
Interrupt 4 control
00---000
IT4.1
IT4.0
-
-
-
IF42
IF41
IF40
Mnem
Mnem
Mnem
Mnem
Add
Add
Add
Add
Name
Name
Name
Name
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
////PIN
PIN
PIN
PIN Reset
Reset
Reset
Reset Value
Value
Value
Value
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
TCON
88h
Timer/Counter 0 and 1 Control
00000000
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and 1 Modes
00000000
GATE1
C/T1
M11
M10
GATE0
C/T0
M01
M00
TL0
8Ah
Timer/Counter 0 Low Byte
00000000
TL0.7
TL0.6
TL0.5
TL0.4
TL0.3
TL0.2
TL0.1
TL0.0
TH0
8Ch
Timer/Counter 0 High Byte
00000000
TH0.7
TH0.6
TH0.5
TH0.4
TH0.3
TH0.2
TH0.1
TH0.0
TL1
8Bh
Timer/Counter 1 Low Byte
00000000
TL1.7
TL1.6
TL1.5
TL1.4
TL1.3
TL1.2
TL1.1
TL1.1
TH1
8Dh
Timer/Counter 1 High Byte
00000000
TH1.7
TH1.6
TH1.5
TH1.4
TH1.3
TH1.2
TH1.1
TH1.1
TCON1
CEh
Timer/Counter 0 and 1 Control 1
-------0
-
-
-
-
-
-
-
TC0
Mnem
Mnem
Mnem
Mnem
Add
Add
Add
Add
Name
Name
Name
Name
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
////PIN
PIN
PIN
PIN Reset
Reset
Reset
Reset Value
Value
Value
Value
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
BUZCON
BDh
Buzzer output control
---00000
-
-
-
BCA3
BCA2
BCA1
BCA0
BZEN
Mnem
Mnem
Mnem
Mnem
Add
Add
Add
Add
Name
Name
Name
Name
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
////PIN
PIN
PIN
PIN Reset
Reset
Reset
Reset Value
Value
Value
Value
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
CURSAMP
91h
OP and CMP control
000-0000
CMPEN
TRG
CMPOUT
-
AMPEN
IDEB2
IDEB1
IDEB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com