Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 33 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 33 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 37Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
33
7.7.4
7.7.4
7.7.4
7.7.4 Registers
Registers
Registers
Registers
Table
Table
Table
Table 7
7
7
7....21
21
21
21 Timer/Counter x Control Register (x = 0, 1)
Table
Table
Table
Table 7
7
7
7....22
22
22
22 Timer/Counter x Mode Register (x = 0, 1)
88
88
88
88H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
TCON
TCON
TCON
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7
7
7
7,,,, 5
5
5
5
TFx
TFx
TFx
TFx
x
x
x
x =
=
=
= 0
0
0
0,,,, 1
1
1
1
Timer
Timer
Timer
Timer x
x
x
x overflow
overflow
overflow
overflow flag
flag
flag
flag
0: Timer x no overflow, can be cleared by software
1: Timer x overflow, set by hardware; set by software will cause a timer interrupt
6
6
6
6,,,, 4
4
4
4
TRx
TRx
TRx
TRx
x
x
x
x =
=
=
= 0
0
0
0,,,, 1
1
1
1
Timer
Timer
Timer
Timer x
x
x
x start,
start,
start,
start, stop
stop
stop
stop control
control
control
control bits
bits
bits
bits
0: Stop timer x
1: Start timer x
3
3
3
3,,,, 1
1
1
1
IEx
IEx
IEx
IEx
x
x
x
x =
=
=
= 0
0
0
0,,,, 1
1
1
1
External
External
External
External interrupt
interrupt
interrupt
interrupt x
x
x
x request
request
request
request flag
flag
flag
flag
2
2
2
2,,,, 0
0
0
0
ITx
ITx
ITx
ITx
x
x
x
x =
=
=
= 0
0
0
0,,,, 1
1
1
1
External
External
External
External interrupt
interrupt
interrupt
interrupt x
x
x
x trigger
trigger
trigger
trigger mode
mode
mode
mode select
select
select
select bits
bits
bits
bits
8
8
8
89
9
9
9H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
T
T
T
TMOD
MOD
MOD
MOD
GATE1
C/T1
———
M11
M10
GATE0
C/T0
———
M01
M00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7
7
7
7,,,, 3
3
3
3
GATEx
GATEx
GATEx
GATEx
x
x
x
x =
=
=
= 0
0
0
0,,,, 1
1
1
1
Timer
Timer
Timer
Timer x
x
x
x Gate
Gate
Gate
Gate Control
Control
Control
Control bits
bits
bits
bits
0: Timer x is enabled whenever TRx control bit is set
1: Timer x is enabled only while INTx pin is high and TRx control bit is set
6
6
6
6
C/
C/
C/
C/T1
T1
T1
T1
———
———
———
———
Timer
Timer
Timer
Timer 1
1
1
1 Timer/Counter
Timer/Counter
Timer/Counter
Timer/Counter mode
mode
mode
mode selected
selected
selected
selected bit
bit
bit
bits
s
s
s
0: Timer Mode
1: Counter Mode(do not have T1 pin, can not work)
2
2
2
2
C/
C/
C/
C/T0
T0
T0
T0
———
———
———
———
Timer
Timer
Timer
Timer 0
0
0
0 Timer/Counter
Timer/Counter
Timer/Counter
Timer/Counter mode
mode
mode
mode selected
selected
selected
selected bit
bit
bit
bits
s
s
s
0: Timer Mode
1: Counter Mode
5
5
5
5 ---- 4
4
4
4
1
1
1
1 ---- 0
0
0
0
Mx[1:0]
Mx[1:0]
Mx[1:0]
Mx[1:0]
x
x
x
x =
=
=
= 0
0
0
0,,,, 1
1
1
1
Timer
Timer
Timer
Timer x
x
x
x Timer
Timer
Timer
Timer mode
mode
mode
mode selected
selected
selected
selected bit
bit
bit
bits
s
s
s
00: Mode 0, 13-bit up counter/timer, bit7 - 5 of TLx is ignored
01: Mode 1, 16-bit up counter/timer
10: Mode 2, 8-bit auto-reload up counter/timer
11: Mode 3 (only for Timer0), two 8-bit up timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com