Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 86 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 86 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 90Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
86
A/D
A/D
A/D
A/D Converter
Converter
Converter
Converter Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics (VDD = 4.5 - 5.5V, GND = 0V, TA = -25℃, Unless otherwise specified)
Note:
Note:
Note:
Note: “∗” Here the A/D input Resistor is the DC input-resistance of A/D itself.
Operation
Operation
Operation
Operation AmpP
AmpP
AmpP
AmpP Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics (VDD = 3.3 - 5.5V, GND = 0V, TA = -40℃ - 85℃, Unless otherwise specified)
Analog
Analog
Analog
Analog Compare
Compare
Compare
Compare Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics (VDD = 3.3 - 5.5V, GND = 0V, TA = -40℃ - 85℃, Unless otherwise specified)
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Condition
Condition
Condition
Condition
Supply Voltage
VAD
4.5
5.0
5.5
V
Resolution
NR
-
10
-
bit
GND ≤ VAIN ≤ VREF
A/D Input Voltage
VAIN
GND
-
V
REF
V
A/D Input Resistor*
RAIN
2
-
-
MΩ
VIN = 5.0V
External Analog reference
voltage
VREF
3
-
VDD
V
Vref source input resistor
RREF
-
100
-
kΩ
Recommended impedance
of analog voltage source
ZAIN
-
-
10
kΩ
A/D conversion current
IAD
-
1
3
mA
ADC module operating, VDD = 5.0V
A/D Input current
IADIN
-
-
10
µA
VDD = 5.0V
Differential linearity error
DLE
-
±0.5
±1
LSB
VDD = 5.0V, ADC CLK ≤ 1MHz
Integral linearity error
ILE
-
±1
±2
LSB
VDD = 5.0V, ADC CLK ≤ 1MHz
Full scale error
EF
-
±1
±2
LSB
VDD = 5.0V, ADC CLK ≤ 1MHz
Offset error
EZ
-
±1
±2
LSB
VDD = 5.0V, ADC CLK ≤ 1MHz
Total Absolute error
EAD
-
±2
±3
LSB
VDD = 5.0V, ADC CLK ≤ 1MHz
ADC clock period
tAD
1
-
100
µs
VDD = 5.0V, 10 bit resolution used
tAD1
0.5
-
100
µs
VDD = 5.0V, only 8 bit resolution used
Total Conversion timeG
TCON
14
-
27
tAD
VDD = 5.0V
14
27
tAD1
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Condition
Condition
Condition
Condition
Input Offset error
VIO
-
5
10
mV
0 < VICM < 0.2
-
5
10
mV
VDD - 1.2V < VICM < VDD - 1.0V
-
3
5
mV
0.2V < VICM < VDD - 1.2V
Input Common Mode
Voltage Range
VICM
0
-
VDD - 1.0
V
Slew Rate
SR
0.2
0.5
-
V/µs
Output Voltage Range
VOVR
GND+0.1
-
VDD - 1.0
V
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Condition
Condition
Condition
Condition
Input Offset error
VIO
-
5
10
mV
0 < VICM < 0.2
-
5
10
mV
VDD - 1.2V < VICM < VDD - 1.0V
-
3
5
mV
0.2V < VICM < VDD - 1.2V
Input Common Mode
Voltage Range
VICM
0
-
VDD - 1.0
V
Large signal response time
TRS1
-
0.3
0.5
µs
Small signal response time
TRS2
-
1
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com