Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 40 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 40 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 44Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
40
7.8.6
7.8.6
7.8.6
7.8.6 Interrupt
Interrupt
Interrupt
Interrupt Handling
Handling
Handling
Handling
The interrupt flags are sampled and polled at the fetch cycle of each machine cycle. All interrupts are sampled at the rising
edge of the clock. If one of the flags was set, the CPU will find it and the interrupt system will generate a LCALL to the
appropriate service routine, provided this hardware-generated LCALL is not blocked by any of the following conditions:
An interrupt of equal or higher priority is already in progress.
The current cycle is not in the final cycle of the instruction in progress. This ensures that the instruction in progress is
completed before vectoring to any service routine.
The instruction in progress is RETI. This ensures that if the instruction in progress is RETI then at least one more instruction
except RETI will be executed before any interrupt is vectored to; this delay guarantees that the CPU can observe the
changes of the interrupt status.
Notes:
Notes:
Notes:
Notes:
Since priority change normally needs 2 instructions, it is recommended to disable corresponding Interrupt Enable flag to
avoid interrupt between these 2 instructions during the change of priority.
If the flag is no longer active when the blocking condition is removed, the denied interrupt will not be serviced. Every polling
cycle interrogates only the valid interrupt requests.
The polling cycle/LCALL sequence is illustrated below:
Interrupt
Latched
Interrupt
Polled
Long Call to
Interrupt Vector Service
Interrupt
service
Cn+8
C2
C1
Interrupt
Pending
C3
Interrupt
Signal
Generated
C3~Cn
Cn~Cn+7
Interrupt
Interrupt
Interrupt
Interrupt Response
Response
Response
Response Timing
Timing
Timing
Timing
The hardware-generated LCALL pushes the contents of the program counter onto the stack (but it does not save the PSW)
and reloads the program counter with corresponding address that depends on the source of the interrupt being vectored too,
as shown in Interrupt Summary table.
Interrupt service execution proceeds from that location until the RETI instruction is encountered. The RETI instruction informs
the processor that the interrupt routine is no longer in progress, and then pops the top two bytes from the stack and reloads
the program counter. Execution of the interrupted program continues from the point where it was stopped. Note that the RETI
instruction is very important because it informs the processor that the program left the current interrupt service. A simple RET
instruction would also have returned execution to the interrupted program, but it would have left the interrupt control system
thinking an interrupt with this priority was still in progress. In this case, no interrupt of the same or lower priority level would
be acknowledged.
7.8.7
7.8.7
7.8.7
7.8.7 Interrupt
Interrupt
Interrupt
Interrupt Response
Response
Response
Response Time
Time
Time
Time
If an interrupt is recognized, its request flag is set in every machine cycle after recognize. The value will be polled by the
circuitry until the next machine cycle; the CPU will generate an interrupt at the third machine cycle. If the request is active
and conditions are right for it to be acknowledged, hardware LCALL to the requested service routine will be the next
instruction to be executed. Else the interrupt will pending. The call itself takes 7 machine cycles. Thus a minimum of 3+7
complete machine cycles will elapse between activation and external interrupt request and the beginning of execution of the
first instruction of the service routine.
A longer response time would be obtained if the request was blocked by one of the above three previously listed conditions.
If an interrupt of equal or higher priority is already in progress, the additional wait time obviously depends on the nature of the
other interrupt’s service routine.
If the instruction in progress is not in its final cycle and the instruction in progress is RETI, the additional wait time is 8
machine cycles. For a single interrupt system, if the next instruction is 20 machine cycles long (the longest instructions DIV &
MUL are 20 machine cycles long for 16 bit operation), adding the LCALL instruction 7 machine cycles the total response time
is 2+8+20+7 machine cycles.
Thus interrupt response time is always more than 10 machine cycles and less than 37 machine cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com