Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 1 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 1 Page - SINOWEALTH Electronic Ltd

  SH79F024XU Datasheet HTML 1Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 9Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
Enhanced
Enhanced
Enhanced
Enhanced 8051
8051
8051
8051 Microcontroller
Microcontroller
Microcontroller
Microcontroller with
with
with
with 10bit
10bit
10bit
10bit ADC
ADC
ADC
ADC and
and
and
and PWM
PWM
PWM
PWM
1
V2.1
1.
1.
1.
1. Features
Features
Features
Features
�
8bits micro-controller with Pipe-line structured 8051
compatible instruction set
�
Flash ROM: 8K Bytes
�
RAM: internal 256 Bytes, external 256 Bytes
�
Operation Voltage:
fOSC = 400k - 16.6MHz, VDD = 3.3V - 5.5V
�
Oscillator (code option):
- Crystal oscillator: 400k - 16.6MHz
- Ceramic oscillator: 400k - 16.6MHz
- Internal RC: 16.6MHz
�
22 CMOS bi-directional I/O pins
�
Built-in pull-up resistor for input pin
�
Two 16-bit timer/counters T0, T1
�
Powerful interrupt sources:
- Timer0, Timer1
- INT0, INT1
- INT40, INT41
- ADC, FLT
- EUART
- PWM
�
Two 12-bits PWM channels with 4 outputs, incorporate
dead time control and fault detection
�
EUART
�
6channels
10-bits
Analog
Digital
Converter
(ADC), with comparator function built-in
�
Built-in Operation Amplifier (OP) and Comparator
(CMP)
�
Buzzer
�
Low Voltage Reset (LVR) function (enabled by
code option)
- LVR voltage level 1: 4.3V
- LVR voltage level 2: 3.4V
�
CPU Machine Cycle:
- 1 oscillator clock
�
Watch Dog Timer (WDT)
�
Warm-up Timer
�
Support Low power operation modes:
- Idle Mode
- Power-Down Mode
�
Flash Type
�
8bits read only Random code
�
Package: TSSOP24
2.
2.
2.
2. General
General
General
General Description
Description
Description
Description
The SH79F082 is a high performance 8051 compatible micro-controller, regard to its build-in Pipe-line instruction fetch
structure, that helps the SH79F082 can perform more fast operation speed and higher calculation performance, if compare
SH79F082 with standard 8051 at same clock speed.
The SH79F082 retains most features of the standard 8051. These features include internal 256 bytes RAM and two 16-bit
timer/counters. In addition, the SH79F082 provides external 256 bytes RAM, It also contains 8K bytes Flash memory block
both for program and data. Also the ADC and PWM timer functions are incorporated in SH79F082.
For high reliability and low cost issues, the SH79F082 builds in Watchdog Timer, Low Voltage Reset function. And
SH79F082 also supports two power saving modes to reduce power consumption.


Similar Part No. - SH79F024XU

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F0819M/028MU SINOWEALTH-SH79F0819M/028MU Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F0819X/028XU SINOWEALTH-SH79F0819X/028XU Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F081BM/028MU SINOWEALTH-SH79F081BM/028MU Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
More results

Similar Description - SH79F024XU

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH77P1651A SINOWEALTH-SH77P1651A Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F083B SINOWEALTH-SH79F083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F1612B SINOWEALTH-SH79F1612B Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F1619 SINOWEALTH-SH79F1619 Datasheet
1Mb / 99P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F1621 SINOWEALTH-SH79F1621 Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F166A SINOWEALTH-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79M083B SINOWEALTH-SH79M083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79M1612B SINOWEALTH-SH79M1612B Datasheet
1Mb / 96P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com