Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 77 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 77 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 81Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
77
8.8.4
8.8.4
8.8.4
8.8.4 Registers
Registers
Registers
Registers
Table
Table
Table
Table 8
8
8
8....27
27
27
27 Power Control Register
Table
Table
Table
Table 8
8
8
8....28
28
28
28 Suspend Mode Control Register
Example:
Example:
Example:
Example:
87H
87H
87H
87H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
PCON
PCON
PCON
PCON
SMOD
SSTAT
-
-
GF1
GF0
PD
IDL
R/W
R/W
R/W
R/W
R/W
R/W
-
-
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
-
-
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7
7
7
7
SMOD
SMOD
SMOD
SMOD
Baud
Baud
Baud
Baud rate
rate
rate
rate double
double
double
double bit
bit
bit
bit
6
6
6
6
SSTAT
SSTAT
SSTAT
SSTAT
SCON
SCON
SCON
SCON [7:5]
[7:5]
[7:5]
[7:5] function
function
function
function selection
selection
selection
selection bit
bit
bit
bit
3-2
3-2
3-2
3-2
GF[1:0]
GF[1:0]
GF[1:0]
GF[1:0]
General
General
General
General purpose
purpose
purpose
purpose flags
flags
flags
flags for
for
for
for software
software
software
software use
use
use
use
1
1
1
1
PD
PD
PD
PD
Power-Down
Power-Down
Power-Down
Power-Down mode
mode
mode
mode control
control
control
control bit
bit
bit
bit
0: Cleared by hardware when an interrupt or reset occurs
1: Set by software to activate the Power-Down mode
0
0
0
0
IDL
IDL
IDL
IDL
Idle
Idle
Idle
Idle mode
mode
mode
mode control
control
control
control bit
bit
bit
bit
0: Cleared by hardware when an interrupt or reset occurs
1: Set by software to activate the Idle mode
8EH
8EH
8EH
8EH
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
SUSLO
SUSLO
SUSLO
SUSLO
SUSLO.7
SUSLO.6
SUSLO.5
SUSLO.4
SUSLO.3
SUSLO.2
SUSLO.1
SUSLO.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-0
7-0
7-0
7-0
SUSL
SUSL
SUSL
SUSLO
O
O
O[[[[7
7
7
7::::0
0
0
0]]]]
This register is used to control the CPU enter suspend mode (Idle or Power-
Down). Only consecutive instructions like below will make CPU enter suspend
mode. Other wise the either SUSLO, IDL or PD bit will be cleared by hardware in
the next machine cycle.
IDLE_MODE:
MOV
SUSLO, #55H
ORL
PCON, #01H
NOP
NOP
NOP
POWERDOWN_MODE:
MOV
SUSLO, #55H
ORL
PCON, #02H
NOP
NOP
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com