Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 48 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 48 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 51Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 52Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
48
8.1.6
8.1.6
8.1.6
8.1.6 PWM
PWM
PWM
PWM Interrupt
Interrupt
Interrupt
Interrupt
PWM will generate a interrupt request at the period overflow and other 2 interrupt at the each duty overflow. If PWMPIE or
PWMxIE (x = 1-2) is set and EPWM bit in IEN1 register are also set to 1, cpu will accept PWM interrupt and jump to PWM int
service routine entrance. All these 3 interrupt use the same interrupt vector entrance.
Table
Table
Table
Table 8
8
8
8....11
11
11
11 PWM Interrupt Control Register (PWMINT)
E8
E8
E8
E8H
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
PWMINT
PWMINT
PWMINT
PWMINT
PWMPIE
PWMPIF
-
-
PWM1IE
PWM1IF
PWM2IE
PWM2IF
R/W
R/W
R/W
R/W
R/W
R/W
-
-
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
-
-
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7
7
7
7
PWMPIE
PWMPIE
PWMPIE
PWMPIE
PWM
PWM
PWM
PWM Period
Period
Period
Period overflow
overflow
overflow
overflow interrupt
interrupt
interrupt
interrupt enable
enable
enable
enable bit
bit
bit
bit ((((enable
enable
enable
enable only
only
only
only When
When
When
When EPWM
EPWM
EPWM
EPWM bit
bit
bit
bit in
in
in
in
IEN1
IEN1
IEN1
IEN1 is
is
is
is set)
set)
set)
set)
0: Disable PWM Period overflow interrupt
1: Enable PWM Period overflow interrupt
6
6
6
6
PWMPIF
PWMPIF
PWMPIF
PWMPIF
PWM
PWM
PWM
PWM Period
Period
Period
Period overflow
overflow
overflow
overflow flag
flag
flag
flag
0: PWM Period not overflow
1: PWM period overflow occurs
3
3
3
3
PWM1IE
PWM1IE
PWM1IE
PWM1IE
PWM1
PWM1
PWM1
PWM1 Duty
Duty
Duty
Duty overflow
overflow
overflow
overflow interrupt
interrupt
interrupt
interrupt enable
enable
enable
enable bit
bit
bit
bit ((((enable
enable
enable
enable only
only
only
only When
When
When
When EPWM
EPWM
EPWM
EPWM bit
bit
bit
bit in
in
in
in
IEN1
IEN1
IEN1
IEN1 is
is
is
is set)
set)
set)
set)
0: Disable PWM1 Duty overflow interrupt
1: Enable PWM1 Duty overflow interrupt
2
2
2
2
PWM1IF
PWM1IF
PWM1IF
PWM1IF
PWM
PWM
PWM
PWM1
1
1
1 Duty
Duty
Duty
Duty overflow
overflow
overflow
overflow flag
flag
flag
flag
0: PWM1 Duty not overflow
1: PWM1 Duty overflow occurs
1
1
1
1
PWM2IE
PWM2IE
PWM2IE
PWM2IE
PWM2
PWM2
PWM2
PWM2 Duty
Duty
Duty
Duty overflow
overflow
overflow
overflow interrupt
interrupt
interrupt
interrupt enable
enable
enable
enable bit
bit
bit
bit ((((enable
enable
enable
enable only
only
only
only When
When
When
When EPWM
EPWM
EPWM
EPWM bit
bit
bit
bit in
in
in
in
IEN1
IEN1
IEN1
IEN1 is
is
is
is set)
set)
set)
set)
0: Disable PWM2 Duty overflow interrupt
1: Enable PWM2 Duty overflow interrupt
0
0
0
0
PWM2IF
PWM2IF
PWM2IF
PWM2IF
PWM
PWM
PWM
PWM2
2
2
2 Duty
Duty
Duty
Duty overflow
overflow
overflow
overflow flag
flag
flag
flag
0: PWM2 Duty not overflow
1: PWM2 Duty overflow occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com