Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 11 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 11 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 10Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 11Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 12Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 13Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 14Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 15Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
11
Table
Table
Table
Table 6.12
6.12
6.12
6.12 ADC SFRs
Table
Table
Table
Table 6.1
6.1
6.1
6.13
3
3
3 PWM SFRs
Note:
Note:
Note:
Note:- :Unimplemented
Mnem
Mnem
Mnem
Mnem
Add
Add
Add
Add
Name
Name
Name
Name
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
////PIN
PIN
PIN
PIN Reset
Reset
Reset
Reset Value
Value
Value
Value
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
ADCON
93h
ADC Control
00000000
ADON
ADCIF
EC
REFC
SCH2
SCH1
SCH0
GO/D
----
O
----
N
----
E
----
ADT
94h
ADC Time Configuration
000-0000
TADC2
TADC1
TADC0
-
TS3
TS2
TS1
TS0
ADCH
95h
ADC Channel Configuration
--000000
-
-
-
CH4
CH3
CH2
CH1
CH0
ADDL
96h
ADC Data Low Byte
------00
-
-
-
-
-
-
A1
A0
ADDH
97h
ADC Data High Byte
00000000
A9
A8
A7
A6
A5
A4
A3
A2
Mnem
Mnem
Mnem
Mnem
Add
Add
Add
Add
Name
Name
Name
Name
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
////PIN
PIN
PIN
PIN Reset
Reset
Reset
Reset Value
Value
Value
Value
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
PWMEN
CFh
PWM timer enable
0000-00-
PWMEN
PWMMOD
PWM21OE
PWM11OE
-
PWM2OE
PWM1OE
-
PWMLO
E7h
PWM register Lock
00000000
PWMLO.7
PWMLO.6
PWMLO.5
PWMLO.4
PWMLO.3
PWMLO.2
PWMLO.1
PWMLO.0
PWMPL
DAh
PWM Period Control low
00000000
PP.7
PP.6
PP.5
PP.4
PP.3
PP.2
PP.1
PP.0
PWMPH
DBH
PWM Period Control high
----0000
-
-
-
-
PP.11
PP.10
PP.9
PP.8
PWMDT0L D4h
PWM Dead time control
register 0 low
00000000
DT0.7
DT0.6
DT0.5
DT0.4
DT0.3
DT0.2
DT0.1
DT0.0
PWMDT0H D5H
PWM Dead time control
register 0 high
----0000
-
-
-
-
DT0.11
DT0.10
DT0.9
DT0.8
PWMDT1L D6h
PWM Dead time control
register 1 low
00000000
DT1.7
DT1.6
DT1.5
DT1.4
DT1.3
DT1.2
DT1.1
DT1.0
PWMDT1H D7H
PWM Dead time control
register 1 high
----0000
-
-
-
-
DT1.11
DT1.10
DT1.9
DT1.8
PWM1DL
DEh
PWM1 Duty Control low
00000000
PD1.7
PD1.6
PD1.5
PD1.4
PD1.3
PD1.2
PD1.1
PD1.0
PWM1DH
DFh
PWM1 Duty Control high
----0000
-
-
-
-
PD1.11
PD1.10
PD1.9
PD1.8
PWM2DL
D2h
PWM2 Duty Control low
00000000
PD2.7
PD2.6
PD2.5
PD2.4
PD2.3
PD2.2
PD2.1
PD2.0
PWM2DH
D3h
PWM2 Duty Control high
----0000
-
-
-
-
PD2.11
PD2.10
PD2.9
PD2.8
FLTCON
D1H
FAULT detect
00000---
FLTEN
FLTSEL
FLTM
FLTSTAT
FLTF
-
-
-
PWMCON
D9H
PWM control
0000-00-
PWMCLK1
PWMCLK0
PWM21S
PWM11S
-
PWM2S
PWM1S
-
PWMINT
E8H
PWM interrupt
00--0000
PWMPIE
PWMPIF
-
-
PWM1IE
PWM1IF
PWM2IE
PWM2IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com