Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 24 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 24 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 28Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
24
7.5.3
7.5.3
7.5.3
7.5.3 Oscillator
Oscillator
Oscillator
Oscillator Type
Type
Type
Type
(1) Ceramic resonator: 400kHz - 16.6MHz
XTAL1
XTAL2
C1
C2
Ceramic
(2) Crystal oscillator: 400k - 16.6MHz
XTAL1
XTAL2
C1
C2
Crystal
(3) Internal RC: 16.6MHz
XTA L1
XTA L2
7.5.4
7.5.4
7.5.4
7.5.4 Capacitor
Capacitor
Capacitor
Capacitor S
S
S
Selection
election
election
election for
for
for
for O
O
O
Oscillator
scillator
scillator
scillator
Notes:
Notes:
Notes:
Notes:
(1) Capacitor
Capacitor
Capacitor
Capacitor values
values
values
values are
are
are
are used
used
used
used for
for
for
for design
design
design
design guidance
guidance
guidance
guidance only!
only!
only!
only!
(2) These capacitors were tested with the crystals listed above for basic start-up and operation. They are not
not
not
not optimized.
optimized.
optimized.
optimized.
(3) Be careful for the stray capacitance on PCB board, the user should test the performance of the oscillator over the
expected VDD and the temperature range for the application.
Before selecting crystal/ceramic, the user should consult the crystal/ceramic manufacturer for appropriate value of external
component to get best performance, visit http://www.sinowealth.comfor more recommended manufactures.
Ceramic
Ceramic
Ceramic
Ceramic Resonators
Resonators
Resonators
Resonators
Frequency
Frequency
Frequency
Frequency
C1
C1
C1
C1
C2
C2
C2
C2
455kHz
47 - 100pF
47 - 100pF
11.0592MHz
8 - 15pF
8 - 15pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com