Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 34 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 34 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 38Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
34
Table
Table
Table
Table 7
7
7
7....23
23
23
23 Timer/Counter x Data Register (x = 0, 1)
Table
Table
Table
Table 7
7
7
7....24
24
24
24 Timer/Counter x Control Register1 (x = 0, 1)
8AH-8DH
8AH-8DH
8AH-8DH
8AH-8DH
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
TL0
TL0
TL0
TL0 (8AH)
(8AH)
(8AH)
(8AH)
TL0.7
TL0.6
TL0.5
TL0.4
TL0.3
TL0.2
TL0.1
TL0.0
TH0
TH0
TH0
TH0 (8CH)
(8CH)
(8CH)
(8CH)
TH0.7
TH0.6
TH0.5
TH0.4
TH0.3
TH0.2
TH0.1
TH0.0
TL1
TL1
TL1
TL1 (8BH)
(8BH)
(8BH)
(8BH)
TL1.7
TL1.6
TL1.5
TL1.4
TL1.3
TL1.2
TL1.1
TL1.0
TH1
TH1
TH1
TH1 (8DH)
(8DH)
(8DH)
(8DH)
TH1.7
TH1.6
TH1.5
TH1.4
TH1.3
TH1.2
TH1.1
TH1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7-0
7-0
7-0
7-0
TLx.y,
TLx.y,
TLx.y,
TLx.y, THx.y
THx.y
THx.y
THx.y
X
X
X
X =
=
=
= 0-1,
0-1,
0-1,
0-1, y
y
y
y =
=
=
= 0-7
0-7
0-7
0-7
Timer
Timer
Timer
Timer x
x
x
x Low
Low
Low
Low &
&
&
& High
High
High
High byte
byte
byte
byte counter
counter
counter
counter
C
C
C
CE
E
E
EH
H
H
H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
T
T
T
TCON1
CON1
CON1
CON1
-
-
-
-
-
-
-
TC0
R/W
R/W
R/W
R/W
-
-
-
-
-
-
-
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN)
/PIN)
/PIN)
/PIN)
-
-
-
-
-
-
-
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
0
0
0
0
TC0
TC0
TC0
TC0
Compare
Compare
Compare
Compare function
function
function
function Enable
Enable
Enable
Enable bit
bit
bit
bits
s
s
s
0: Disable compare function of Timer 0
1: Enable compare function of Timer 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com