Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 73 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 73 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 77Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
73
8.
8.
8.
8.6
6
6
6 Low
Low
Low
Low Voltage
Voltage
Voltage
Voltage Reset
Reset
Reset
Reset (LVR)
(LVR)
(LVR)
(LVR)
8.6.1
8.6.1
8.6.1
8.6.1 Feature
Feature
Feature
Feature
�
Enabled by the code option and VLVR is 4.3V or 3.4V
�
LVR de-bounce timer TLVR is about 30µs
�
An internal reset flag indicates low voltage reset generates
The LVR function is used to monitor the supply voltage and generate an internal reset in the device when the supply voltage
below the specified value VLVR. The LVR de-bounce timer TLVR is about 30µs.
The LVR circuit has the following functions when the LVR function is enabled: (t means the time of the supply voltage below
VLVR)
Generates a system reset when V
DD ≤ VLVR and t ≥ TLVR;
Cancels the system reset when V
DD > VLVR or VDD < VLVR, but t < TLVR.
The LVR function is enabled by the code option.
It is typically used in AC line or large battery supplier applications, where heavy loads may be switched on and cause the
MCU supply-voltage temporarily falls below the minimum specified operating voltage. This feature can protect system from
working under bad power supply environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com