Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 38 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 38 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 42Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
38
Table
Table
Table
Table 7
7
7
7....29
29
29
29 External Interrupt Flag Register1
D
D
D
D8H
8H
8H
8H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
EXF
EXF
EXF
EXF1
1
1
1
IT4.1
IT4.0
-
-
-
-
IF41
IF40
R/W
R/W
R/W
R/W
R/W
R/W
-
-
-
-
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
-
-
-
-
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
1-0
1-0
1-0
1-0
IF4x
IF4x
IF4x
IF4x
(x
(x
(x
(x =
=
=
= 0
0
0
0,,,, 1)
1)
1)
1)
External
External
External
External interrupt4
interrupt4
interrupt4
interrupt4 request
request
request
request flag
flag
flag
flag bit
bit
bit
bit
0: No interrupt pending
1: Interrupt is pending
IF4x is cleared by software
7-6
7-6
7-6
7-6
IT4[1:0]
IT4[1:0]
IT4[1:0]
IT4[1:0]
External
External
External
External interrupt
interrupt
interrupt
interrupt 4
4
4
4 trigger
trigger
trigger
trigger mode
mode
mode
mode selection
selection
selection
selection bit
bit
bit
bit
00: Low Level trigger
01: Trigger on falling edge
10: Trigger on rising edge
11: Trigger on both edge
IT4 [1:0] is effect on external interrupt 4x at the same mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com