Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 42 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 42 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 46Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
42
8.
8.
8.
8. Enhanced
Enhanced
Enhanced
Enhanced Universal
Universal
Universal
Universal Asynchronous
Asynchronous
Asynchronous
Asynchronous Receiver-Transmitter
Receiver-Transmitter
Receiver-Transmitter
Receiver-Transmitter
8.1
8.1
8.1
8.1 PWM
PWM
PWM
PWM ((((P
P
P
Pulse
ulse
ulse
ulse W
W
W
Width
idth
idth
idth Modulation
Modulation
Modulation
Modulation))))
8.1.1
8.1.1
8.1.1
8.1.1 F
F
F
Feature
eature
eature
eature
�
12bit resolution
�
Complementary output with dead time control
�
�
�
�
Provided interrupt function on period and duty overflow
�
�
�
�
Selectable output polarity
�
�
�
�
Fault Detect function provided to disable PWM output immediately
�
�
�
�
Lock register provided to avoid PWM control register to be unexpected change
�
�
�
�
Edge aligned or center aligned selectable
The SH79F082 has a 12-bit PWM module, which can provide the pulse width modulation waveform with the period and the
duty being controlled individually by corresponding register. It provides 2 independent channels. Each channel can provide 2
PWM outputs.
PWM module also provides 3 interrupts. They share the same entrance vector address while have different control bits and
flags. This makes it possible to change period or duty in every PWM period.
8.1.
8.1.
8.1.
8.1.2
2
2
2 PWM
PWM
PWM
PWM M
M
M
Module
odule
odule
odule Enable
Enable
Enable
Enable
Table
Table
Table
Table 8
8
8
8....1
1
1
1 PWM Module Enable Register
PWM waveform output will be generated only when PWMEN bit and PWMxOE bit are both set to 1. If PWMEN is set but
PWMOE is clear to 0, PWM module act as a timer with compare function, PWM1/2/11/21 used as general purpose I/O; if
PWMEN is clear to 0 but PWMOE is set to 1, PWM pin will always output a inactive level.
PWM output will be switched to I/O state at the same time when the PWMOEx is clear to 0, so it is recommended to set I/O
as output state and output an inactive level in the PWM initial program.
CFH
CFH
CFH
CFH
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
PWMEN
PWMEN
PWMEN
PWMEN
PWMEN
PWMMOD PWM21OE PWM11OE
-
PWM2OE
PWM1OE
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
R/W
R/W
-
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR
POR/WDT/LVR/PIN
/PIN
/PIN
/PIN))))
0
0
0
0
-
0
0
-
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7
7
7
7
PWMEN
PWMEN
PWMEN
PWMEN
PWM
PWM
PWM
PWM Module
Module
Module
Module enable
enable
enable
enable control
control
control
control bit.
bit.
bit.
bit.
0: Disable PWM Module
1: Enable PWM Module
6
6
6
6
PWMMOD
PWMMOD
PWMMOD
PWMMOD
PWM
PWM
PWM
PWM mode
mode
mode
mode select
select
select
select bit
bit
bit
bit
0: Edge aligned
1: Center aligned
5
5
5
5
PWM21OE
PWM21OE
PWM21OE
PWM21OE
PWM21
PWM21
PWM21
PWM21 output
output
output
output enable
enable
enable
enable
0: I/O port
1: PWM Waveform output
4
4
4
4
PWM11OE
PWM11OE
PWM11OE
PWM11OE
PWM11
PWM11
PWM11
PWM11 output
output
output
output enable
enable
enable
enable
0: I/O port
1: PWM Waveform output
2
2
2
2
PWM2OE
PWM2OE
PWM2OE
PWM2OE
PWM2
PWM2
PWM2
PWM2 output
output
output
output enable
enable
enable
enable
0: I/O port
1: PWM Waveform output
1
1
1
1
PWM1OE
PWM1OE
PWM1OE
PWM1OE
PWM1
PWM1
PWM1
PWM1 output
output
output
output enable
enable
enable
enable
0: I/O port
1: PWM Waveform output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com