Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F024XU Datasheet(PDF) 35 Page - SINOWEALTH Electronic Ltd

Part # SH79F024XU
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F024XU Datasheet(HTML) 35 Page - SINOWEALTH Electronic Ltd

Back Button SH79F024XU Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F024XU Datasheet HTML 39Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
35
7.8
7.8
7.8
7.8 Interrupt
Interrupt
Interrupt
Interrupt
7.8.1
7.8.1
7.8.1
7.8.1 Feature
Feature
Feature
Feature
�
9 interrupt sources
�
4 interrupt priority levels
The SH79F082 provides total 9 interrupt sources: 3 external interrupts (INT0/1/4; INT4 including INT40-41, which share the
same vector address), two timer interrupts (timer 0, 1), one EUART interrupt, ADC Interrupt, Fault detect interrupt, PWM
interrupts. The SH79F082 uses a four-priority level interrupt structure. This allows great flexibility in controlling the handling of
the internal interrupt sources.
Also, SH79F082 provides 4 ways to trigger external interrupt 4, which can be selected by register.
7.8.2
7.8.2
7.8.2
7.8.2 Interrupt
Interrupt
Interrupt
Interrupt Enable
Enable
Enable
Enable C
C
C
Control
ontrol
ontrol
ontrol
Each interrupt source can be individually enabled or disabled by setting or clearing the corresponding bit in the interrupt
enable registers IEN0 or IEN1. The IEN0 register also contains global interrupt enable bit, EA, which can enable/disable all
the interrupts at once. Generally, after reset, all interrupt enable bits are set to 0, which means that all the interrupts are
disabled.
Table
Table
Table
Table 7
7
7
7....25
25
25
25 Primary Interrupt Enable Register
A8H
A8H
A8H
A8H
Bit7
Bit7
Bit7
Bit7
Bit6
Bit6
Bit6
Bit6
Bit5
Bit5
Bit5
Bit5
Bit4
Bit4
Bit4
Bit4
Bit3
Bit3
Bit3
Bit3
Bit2
Bit2
Bit2
Bit2
Bit1
Bit1
Bit1
Bit1
Bit0
Bit0
Bit0
Bit0
IEN0
IEN0
IEN0
IEN0
EA
EADC
-
ES
ET1
EX1
ET0
EX0
R/W
R/W
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
R/W
R/W
Reset
Reset
Reset
Reset Value
Value
Value
Value
((((POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN
POR/WDT/LVR/PIN))))
0
0
-
0
0
0
0
0
Bit
Bit
Bit
Bit Number
Number
Number
Number
Bit
Bit
Bit
Bit Mnemonic
Mnemonic
Mnemonic
Mnemonic
Description
Description
Description
Description
7
7
7
7
EA
EA
EA
EA
A
A
A
All
ll
ll
ll interrupt
interrupt
interrupt
interrupt enable
enable
enable
enable bit
bit
bit
bit
0: Disable all interrupt
1: Enable all interrupt
6
6
6
6
EADC
EADC
EADC
EADC
ADC
ADC
ADC
ADC interrupt
interrupt
interrupt
interrupt enable
enable
enable
enable bit
bit
bit
bit
0: Disable ADC interrupt
1: Enable ADC interrupt
4
4
4
4
ES
ES
ES
ES
EUART
EUART
EUART
EUART interrupt
interrupt
interrupt
interrupt enable
enable
enable
enable bit
bit
bit
bit
0: Disable EUART interrupt
1: Enable EUART interrupt
3
3
3
3
ET1
ET1
ET1
ET1
Timer1
Timer1
Timer1
Timer1 overflow
overflow
overflow
overflow interrupt
interrupt
interrupt
interrupt enable
enable
enable
enable bit
bit
bit
bit
0: Disable timer 1 overflow interrupt
1: Enable timer 1 overflow interrupt
2
2
2
2
EX1
EX1
EX1
EX1
External
External
External
External interrupt
interrupt
interrupt
interrupt 1
1
1
1 enable
enable
enable
enable bit
bit
bit
bit
0: Disable external interrupt 1
1: Enable external interrupt 1
1
1
1
1
ET0
ET0
ET0
ET0
Timer0
Timer0
Timer0
Timer0 overflow
overflow
overflow
overflow interrupt
interrupt
interrupt
interrupt enable
enable
enable
enable bit
bit
bit
bit
0: Disable timer 0 overflow interrupt
1: Enable timer 0 overflow interrupt
0
0
0
0
EX0
EX0
EX0
EX0
External
External
External
External interrupt
interrupt
interrupt
interrupt 0
0
0
0 enable
enable
enable
enable bit
bit
bit
bit
0: Disable external interrupt 0
1: Enable external interrupt 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com