Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 115 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 111Page - STMicroelectronics SPSB081 Datasheet HTML 112Page - STMicroelectronics SPSB081 Datasheet HTML 113Page - STMicroelectronics SPSB081 Datasheet HTML 114Page - STMicroelectronics SPSB081 Datasheet HTML 115Page - STMicroelectronics SPSB081 Datasheet HTML 116Page - STMicroelectronics SPSB081 Datasheet HTML 117Page - STMicroelectronics SPSB081 Datasheet HTML 118Page - STMicroelectronics SPSB081 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 137 page
background image
Table 112. Configuration register signals description
Bit
Name
Description
23
CAN_LOOP_EN
CAN Looping of TxD_C to RxD_C
0 = CAN looping disabled (default)
1 = CAN looping enabled
22
LIN_TXD_TOUT_EN
LIN TxD timeout detection
0 = LIN TxD timeout detection disabled
1 = LIN TxD timeout detection enabled (default)
21
LIN_WU_config
Configuration of LIN wake-up behaviour
0 = Wake-up at recessive - dominant - recessive with t_dom > 28 μs (default), (according to LIN ISO
17987-4/2016 and Hardware Requirements for Transceivers version 1.3)
1 = Wake-up at recessive - dominant or dominant - recessive transition
20
CANTO_NINT_MASK
0 = CAN communication timeout is not masked (default)
1 = CAN communication timeout is masked
19
WU_NINT_MASK
0 = Wake-up is not masked (default)
1 = Wake-up is masked
18
DIAGN_EXT
Fail safe output configuration by DIAGN pin
0 = Only fail safe mode is considered (for example watchdog failure; V1 failure; thermal shutdown TSD2),
(default).
1 = DIAGN pin reflects one or more errors such as reported in the GLOBAL STATUS BYTE register by global
status bit not (GSBN)
17
ICMP_CONFIG_EN
0 writing ICMP = 1 is blocked (writing ICMP=0 is possible); (default)
1 writing ICMP = 1 is possible with next SPI command
bit is automatically reset to 0 after next SPI command
16
WD_CONFIG_EN
0 = Writing to WD configuration (CR2 [0:1] is blocked (default)
1 = Writing to WD configuration bits is possible with next SPI command bit is automatically reset to 0 after next
SPI command
15
RES
Reserved
14
RES
Reserved
13
MASK_TW
0 = Thermal warning is not masked (default)
1 = Thermal warning is masked
For example it is reported as a global warning (GSB bit 1) but not as a global error (GSB bit 7)
12
MASK_RSTB
0 = V1_UV reset condition is not masked (default)
1 = V1_UV reset condition is masked
For example reported as a reset (GSB bit 6) but not as a global error (GSB bit 7)
11
MASK_OL
0 = Open load condition at all outputs are not masked (default)
1 = Open load condition at all outputs are masked
For example. it is reported as a functional error (GSB bit 27) but not as a global error (GSB bit 31)
10
RES
Reserved
9
MASK_PLE
0 = Physical layer errors are not masked (default)
1 = Physical layer errors are masked
For example reported as a physical layer error (GSB bit 4) but not as a global error (GSB bit 7)
8
MASK_GW
0 = Global warning conditions are not masked (default)
1 = Global warning conditions are masked
For example reported as a global warning (GSB bit 1) but not as a global error (GSB bit 7)
SPSB081
Control registers
DS14048 - Rev 3
page 115/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com