Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 116 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 112Page - STMicroelectronics SPSB081 Datasheet HTML 113Page - STMicroelectronics SPSB081 Datasheet HTML 114Page - STMicroelectronics SPSB081 Datasheet HTML 115Page - STMicroelectronics SPSB081 Datasheet HTML 116Page - STMicroelectronics SPSB081 Datasheet HTML 117Page - STMicroelectronics SPSB081 Datasheet HTML 118Page - STMicroelectronics SPSB081 Datasheet HTML 119Page - STMicroelectronics SPSB081 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 137 page
background image
Bit
Name
Description
7
MASK_FE
0 = Functional error conditions are not masked (default)
1 = Functional error conditions are masked
For example reported as a functional error (GSB bit 27) but not as a global error (GSB bit 31)
6
MASK_DE
0 = Device error conditions are not masked (default)
1 = Device error conditions are masked
For example reported as a device error (GSB bit 2) but not as a global error (GSB bit 7)
5
RES
Reserved
4
CAN_AUTO_BIAS
CAN automatic biasing activation
0 = Auto biasing disabled (default)
1 = Auto biasing enabled
3
DIR/WU2_EN(1)
Enable DIR input for direct drive of OUT1..4
0 = WU2 configured as wake-up input (default)
1 = DIR function enabled
2
V2_1
Voltage regulator V2 configuration:
00 = V2 OFF in all modes (default)
01 = V2 ON in active mode; OFF in standby modes
10 = V2 ON in active and V1 standby mode; OFF in VBAT_standby mode
11 = V2 ON in all modes
1
V2_0
0
RES
Reserved
7.5
Status registers
Table 113. Status register SR1 (0x31)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
R
R/C
R
R/C
Table 114. SR1 description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
WU2 WAKE
Shows wake-up source
‘1’ = wake-up
Bits are latched until a “read and clear” command
20
WU1 WAKE
SPSB081
Status registers
DS14048 - Rev 3
page 116/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com