Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 35 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 35 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 31Page - Lattice Semiconductor LFSC Datasheet HTML 32Page - Lattice Semiconductor LFSC Datasheet HTML 33Page - Lattice Semiconductor LFSC Datasheet HTML 34Page - Lattice Semiconductor LFSC Datasheet HTML 35Page - Lattice Semiconductor LFSC Datasheet HTML 36Page - Lattice Semiconductor LFSC Datasheet HTML 37Page - Lattice Semiconductor LFSC Datasheet HTML 38Page - Lattice Semiconductor LFSC Datasheet HTML 39Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 237 page
background image
2-31
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Single Ended Inputs: The SC devices support a number of different termination schemes for single ended inputs:
• Parallel to VCCIO or GND
• Parallel to VCCIO/2
• Parallel to VTT
Figure 2-28 shows the single ended input schemes that are supported. The nominal values of the termination resis-
tors are shown in Table 2-9.
Figure 2-28. Input Termination Schemes
In many situations designers can chose whether to use Thevenin or parallel to VTT termination. The Thevenin
approach has the benefit of not requiring a termination voltage to be applied to the device. The parallel to VTT
approach consumes less power.
VTT Termination Resources
Each I/O bank, except bank 1, has a number of VTT pins that must be connected if VTT is used. Note VTT pins can
sink or source current and the power supply they are connected to must be able to handle the relatively high currents
associated with the termination circuits. Note: VTT is not available in all package styles.
On-chip parallel termination to VTT is supported at the receiving end only. On-chip parallel output termination to VTT is
not supported.
The VTT internal bus is also connected to the internal VCMT node. Thus in one bank designers can implement either
VTT termination or VCMT termination for differential inputs.
DDRII/RLDRAMII Termination Support
The DDR II memory and RLDRAMII (in Bidirection Data mode) standards require that the on-chip termination to VTT
be turned on when a pin is an input and off when the pin is an output. The LatticeSC devices contain the required cir-
cuitry to support this behavior. For additional detail refer to technical information at the end of the data sheet.
Termination Type
Discrete Off-Chip Solution
Lattice On-Chip Solution
Parallel termination to
VCCIO/2 receiving end
Parallel termination to
to VCCIO, or parallel to
GND receiving end
VCCIO or GND
ON-chip
OFF-chip
Zo
Zo
VCCIO2
ON-chip
OFF-chip
Zo
Zo
VTT
ON-chip
OFF-chip
Zo
Zo
ON-chip
OFF-chip
Zo
VTT
Zo
VCCIO or GND
ON-chip
OFF-chip
Zo
Zo
VCCIO
GND
ON-chip
OFF-chip
2Zo
2Zo
Zo
Parallel termination to
VTT at receiving end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com