Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 42 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 42 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 38Page - Lattice Semiconductor LFSC Datasheet HTML 39Page - Lattice Semiconductor LFSC Datasheet HTML 40Page - Lattice Semiconductor LFSC Datasheet HTML 41Page - Lattice Semiconductor LFSC Datasheet HTML 42Page - Lattice Semiconductor LFSC Datasheet HTML 43Page - Lattice Semiconductor LFSC Datasheet HTML 44Page - Lattice Semiconductor LFSC Datasheet HTML 45Page - Lattice Semiconductor LFSC Datasheet HTML 46Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 237 page
background image
2-38
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Figure 2-32. PowerPCI and MPI Schematic
Configuration and Testing
The following section describes the configuration and testing features of the LatticeSC family of devices.
IEEE 1149.1-Compliant Boundary Scan Testability
All LatticeSC devices have boundary scan cells that are accessed through an IEEE 1149.1 compliant test access
port (TAP). This allows functional testing of the circuit board, on which the device is mounted, through a serial scan
path that can access all critical logic nodes. Internal registers are linked internally, allowing test data to be shifted in
and loaded directly onto test nodes, or test data to be captured and shifted out for verification. The test access port
consists of dedicated I/Os: TDI, TDO, TCK and TMS. The test access port has its own supply voltage VCCJ and can
operate with LVCMOS33, 25 and 18 standards. For additional detail refer to technical information at the end of the
data sheet.
Device Configuration
All LatticeSC devices contain three possible ports that can be used for device configuration. The serial port, which
supports bit-wide configuration, and the sysCONFIG port that supports both byte-wide and serial configuration.
The MPI port supports 8-bit, 16-bit or 32-bit configuration.
The serial port supports both the IEEE Std. 1149.1 Boundary Scan specification and the IEEE Std. 1532 In-System
Configuration specification. The sysCONFIG port is a 20-pin interface with six of the I/Os used as dedicated pins
and the rest being dual-use pins. When sysCONFIG mode is not used, these dual-use pins are available for gen-
eral purpose I/O. All I/Os for the sysCONFIG and MPI ports are in I/O bank #1.
On power-up, the FPGA SRAM is ready to be configured with the sysCONFIG port active. The IEEE 1149.1 serial
mode can be activated any time after power-up by sending the appropriate command through the TAP port. Once a
configuration port is selected, that port is locked and another configuration port cannot be activated until the next
re-initialization sequence. For additional detail refer to technical information at the end of the data sheet.
Bus
Controller
LatticeSC FPGA
To Daisy-
Chained
Devices
PowerPC
DOUT
DONE
HDC
INIT
LDC
CCLK
MPI_RTRY
RETRY
MPI_ACK
MPI_BDIP
BDIP
MPI_IRQ
IRQx
MPI_STRB
TS
CS0
MPI_TSZ[0:1]
TSZ[0:1]
PPC_A[14:31]
A[14:31]
MPI_CLK
CLKOUT
RD/
WR
MPI_RW
TA
DP[0:m]
1, 2, 4
8, 16, 32
DP[0:m]
D[0:n]
D[0:n]
CS1
MPI_TEA
TEA
MPI_BURST
BURST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com