Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 40 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 40 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 36Page - Lattice Semiconductor LFSC Datasheet HTML 37Page - Lattice Semiconductor LFSC Datasheet HTML 38Page - Lattice Semiconductor LFSC Datasheet HTML 39Page - Lattice Semiconductor LFSC Datasheet HTML 40Page - Lattice Semiconductor LFSC Datasheet HTML 41Page - Lattice Semiconductor LFSC Datasheet HTML 42Page - Lattice Semiconductor LFSC Datasheet HTML 43Page - Lattice Semiconductor LFSC Datasheet HTML 44Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 237 page
background image
2-36
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Since each quad has its own reference clock, different quads can support different standards on the same chip.
This feature makes the LatticeSC family of devices ideal for bridging between different standards.
flexiPCS quads are not dedicated solely to industry standard protocols. Each quad (and each channel within a
quad) can be programmed for many user defined data manipulation modes. For example, modes governing user-
defined word alignment and multi-channel alignment can be programmed for non-standard protocol applications.
For more information on the functions and use of the flexiPCS, refer to the LatticeSC flexiPCS Data Sheet.
System Bus
Each LatticeSC device connects the FPGA elements with a standardized bus framework referred to as a System
Bus. Multiple bus masters optimize system performance by sharing resources between different bus masters such
as the MPI and configuration logic. The wide data bus configuration of 32 bits with 4-bit parity supports high-band-
width, data intensive applications.
There are two types of interfaces on the System Bus, master and slave. A master interface has the ability to per-
form actions on the bus, such as writes and reads to and from a specific address. A slave interface responds to the
actions of a master by accepting data and address on a write and providing data on a read. The System Bus has a
memory map which describes each of the slave peripherals that is connected on the bus. Using the addresses
listed in the memory map, a master interface can access each of the slave peripherals on the System Bus. Any and
all peripherals on the System Bus can be used at the same time. Table 2-12 list all of the available user peripherals
on the System Bus after device power-up.
Table 2-12. System Bus User Peripherals
The peripherals listed in Table 2-12 can be added when the System Bus module is created using Module IP/Man-
ager (ispLEVER Module/IP Manager).
Figure 2-31 also lists the existing peripherals on the System Bus. The gray boxes are available only during configu-
ration. Refer to Lattice technical note TN1080, LatticeSC sysCONFIG Usage Guide, for configuration options. The
Status and Config box refers to internal System Bus registers. This document presents all the interfaces listed in
Table 2-12 in detail to help the user utilize the desired functions of the System Bus.
Peripheral
Name
Interface Type
Micro Processor Interface
MPI
Master
User Master Interface
UMI
Master
User Slave Interface
USI
Slave
Serial Management Interface (PLL, DLL, User Logic)
SMI
Slave
Physical Coding Sublayer
PCS
Slave
Direct FPGA Access
DFA
Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com