Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 47 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 47 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 43Page - Lattice Semiconductor LFSC Datasheet HTML 44Page - Lattice Semiconductor LFSC Datasheet HTML 45Page - Lattice Semiconductor LFSC Datasheet HTML 46Page - Lattice Semiconductor LFSC Datasheet HTML 47Page - Lattice Semiconductor LFSC Datasheet HTML 48Page - Lattice Semiconductor LFSC Datasheet HTML 49Page - Lattice Semiconductor LFSC Datasheet HTML 50Page - Lattice Semiconductor LFSC Datasheet HTML 51Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 237 page
background image
3-3
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Initialization and Standby Supply Current
The table below indicates initialization and standby supply current while operating at 85°C junction temperature
(TJ), which is the high end of the commercial temperature range, and 105°C, which is the high end of the industrial
temperature range. This data assumes all outputs are tri-stated and all inputs are configured as LVCMOS and held
at VCCIO or GND. The remaining SERDES supply current for VDDIB and VDDOB is detailed in the SERDES section
of this data sheet. For power at your design temperature, it is recommended to use the Power Calculator tool which
is accessible in ispLEVER or can be used as a standalone tool. For more information on supply current, see the
reference to additional technical documentation available at the end of this data sheet.
Over Recommended Operating Conditions
Symbol
Condition
Parameter
Device
25°C
Typ.
1
85°C
Max.
2
105°C
Max.
2
Units
All
-5, -6
-7
-5, -6
ICC
(VCC = 1.2V +/- 5%)
Core Operating Power Supply
Current
LFSC/M15
65
449
678
755
mA
LFSC/M25
113
798
1255
1343
mA
LFSC/M40
159
1178
2006
1981
mA
LFSC/M80
276
2122
3827
3569
mA
LFSC/M115
454
3376
—
5679
mA
(VCC = 1.0V +/- 5%)
Core Operating Power Supply
Current
LFSC/M15
45
312
471
524
mA
LFSC/M25
79
554
872
933
mA
LFSC/M40
110
818
1393
1375
mA
LFSC/M80
191
1473
2658
2478
mA
LFSC/M115
315
2344
—
3943
mA
ICC12
1.2V Power Supply Current for
Configuration Logic, FPGA PLL,
SERDES PLL and SERDES
Analog Supplies
LFSC/M15
23
39
59
35
mA
LFSC/M25
25
50
78
56
mA
LFSC/M40
31
78
133
89
mA
LFSC/M80
50
108
195
123
mA
LFSC/M115
65
131
—
154
mA
ICCAUX
Auxiliary Operating Power Supply
Current
LFSC/M15
7
12
19
14
mA
LFSC/M25
9
16
25
18
mA
LFSC/M40
12
23
39
25
mA
LFSC/M80
13
25
45
23
mA
LFSC/M115
16
27
—
26
mA
ICCIO and
ICCJ
Bank Power Supply Current
(per bank)
LFSC/M15
0.1
0.2
0.3
0.2
mA
LFSC/M25
0.3
0.6
1.0
0.7
mA
LFSC/M40
0.4
0.9
1.5
1.0
mA
LFSC/M80
0.5
1.1
2.1
1.3
mA
LFSC/M115
0.7
1.5
—
1.8
mA
1. ICC is specified at TJ = 25°C and typical VCC.
2. ICC is specified at the respective commercial and industrial maximum TJ and VCC limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com