Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 80 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 80 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 76Page - Lattice Semiconductor LFSC Datasheet HTML 77Page - Lattice Semiconductor LFSC Datasheet HTML 78Page - Lattice Semiconductor LFSC Datasheet HTML 79Page - Lattice Semiconductor LFSC Datasheet HTML 80Page - Lattice Semiconductor LFSC Datasheet HTML 81Page - Lattice Semiconductor LFSC Datasheet HTML 82Page - Lattice Semiconductor LFSC Datasheet HTML 83Page - Lattice Semiconductor LFSC Datasheet HTML 84Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 237 page
background image
4-6
Pinout Information
Lattice Semiconductor
LatticeSC/M Family Data Sheet
RESP_[ULC/URC]
—
Calibration resistor to be placed between this pin and either ground or
RESPN_[ULC/URC]. RESPN_[ULC/URC] is available on select pack-
ages. If available, connection of calibration resistor between
RESP_[ULC/URC] and RESPN_[ULC/URC] takes precedence over
connection of calibration resistor between RESP_[ULC/URC] and
ground. Note: only one per side of the device. Value: 4.02K ohm
+/- 1% ohm.
RESPN_[ULC/URC]
—
Available on selected packages. If available, calibration resistor should
be placed between RESP_[ULC/URC] and RESPN_[ULC/URC]
instead of between RESP_[ULC/URC] and ground. Note: only one per
side of the device. Value: 4.02K ohm +/- 1% ohm.
[A:D]_VDDIBx_[L/R]
—
Input buffer power supply for channel x (1.2V/1.5V) on left [L] or right
[R] side of device.
[A:D]_VDDOBx_[L/R]
—
Output buffer power supply for channel x (1.2V/1.5V) on left [L] or right
[R] side of device.
[A:D]_VDDAX25_[L/R]
—
Auxiliary power for input and output termination (2.5V) on left [L] or
right [R] side of device.
1. The ispLEVER software tools may specify VDDRX, VDDTX, VDDP and VCCL pins. These pins should be considered VCC12 pins.
Note: Signals listed as Signal A / Signal B define the same physical pin that is used for different functions based on configuration
mode.
Signal Descriptions (Cont.)
Signal Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com