Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 38 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 38 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 34Page - Lattice Semiconductor LFSC Datasheet HTML 35Page - Lattice Semiconductor LFSC Datasheet HTML 36Page - Lattice Semiconductor LFSC Datasheet HTML 37Page - Lattice Semiconductor LFSC Datasheet HTML 38Page - Lattice Semiconductor LFSC Datasheet HTML 39Page - Lattice Semiconductor LFSC Datasheet HTML 40Page - Lattice Semiconductor LFSC Datasheet HTML 41Page - Lattice Semiconductor LFSC Datasheet HTML 42Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 237 page
background image
2-34
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
VDDAX25 needs to be connected independent of the use of the SERDES. This supply is used to control the SER-
DES CML I/O regardless of the SERDES being used in the design.
Supported Source Synchronous Interfaces
The LatticeSC devices contain a variety of hardware, such as delay elements, DDR registers and PLLs, to simplify
the implementation of Source Synchronous interfaces. Table 2-11 lists Source Synchronous and DDR/QDR stan-
dards supported in the LatticeSC. For additional detail refer to technical information at the end of the data sheet.
Table 2-11. Source Synchronous Standards Table
1
flexiPCS™ (Physical Coding Sublayer Block)
flexiPCS Functionality
The LatticeSC family combines a high-performance FPGA fabric, high-performance I/Os and large embedded
RAM in a single industry leading architecture. LatticeSC devices also feature up to 32 channels of embedded SER-
DES with associated Physical Coding Sublayer (PCS) logic. The flexiPCS logic can be configured to support
numerous industry standard high-speed data transfer protocols.
Each channel of flexiPCS logic contains dedicated transmit and receive SERDES for high-speed, full-duplex serial
data transfers at data rates up to 3.8 Gbps. The PCS logic in each channel can be configured to support an array of
popular data protocols including SONET (STS-12/STS-12c, STS-48/STS-48c, and TFI-5 support of 10 Gbps or
above), Gigabit Ethernet (compliant to the IEEE 1000BASE-X specification), 1.02 or 2.04 Gbps Fibre Channel,
PCI-Express, and Serial RapidIO. In addition, the protocol based logic can be fully or partially bypassed in a num-
ber of configurations to allow users flexibility in designing their own high-speed data interface.
Protocols requiring data rates above 3.8 Gbps can be accommodated by dedicating either one pair or all four chan-
nels in one flexiPCS quad block to one data link. One quad can support full-duplex serial data transfers at data
rates up to 15.2 Gbps. A single flexiPCS quad can be configured to support 10Gb Ethernet (with a fully compliant
XAUI interface), 10Gb Fibre Channel, and x4 PCI-Express and 4x RapidIO.
The flexiPCS also provides bypass modes that allow a direct 8-bit or 10-bit interface from the SERDES to the
FPGA logic which can also be geared to run at 1/2 speed for a 16-bit or 20-bit interface to the FPGA logic. Each
SERDES pin can be DC coupled independently and can allow for both high-speed and low-speed operation down
to DC rates on the same SERDES pin, as required by some Serial Digital Video applications.
The ispLEVER design tools from Lattice support all modes of the flexiPCS. Most modes are dedicated to applica-
tions associated with a specific industry standard data protocol. Other more general purpose modes allow a user to
Source Synchronous Standard
Clocking
Speeds (MHz)
Data Rate (Mbps)
RapidIO
DDR
500
1000
HyperTransport
2
DDR
800
1600
SPI4.2 (POS-PHY4)/NPSI
DDR
500
1000
SFI4/XSBI
DDR
SDR
334
667
667
XGMII
DDR
156.25
312
CSIX
SDR
250
250
QDRII/QDRII+ memory interface
DDR
300
600
DDR memory interface
DDR
240
480
DDRII memory interface
DDR
333
667
RLDRAM memory interface
DDR
400
800
1. Memory width is dependent on the system design and limited by the number of I/Os in the device.
2. Tested using non-coupled, six-inch traces fed directly into an edge clock resource.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com