Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 2 Page - Lattice Semiconductor

  LFSC Datasheet HTML 1Page - Lattice Semiconductor LFSC Datasheet HTML 2Page - Lattice Semiconductor LFSC Datasheet HTML 3Page - Lattice Semiconductor LFSC Datasheet HTML 4Page - Lattice Semiconductor LFSC Datasheet HTML 5Page - Lattice Semiconductor LFSC Datasheet HTML 6Page - Lattice Semiconductor LFSC Datasheet HTML 7Page - Lattice Semiconductor LFSC Datasheet HTML 8Page - Lattice Semiconductor LFSC Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 237 page
background image
January 2008
Data Sheet DS1004
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
www.latticesemi.com
1-1
DS1004 Introduction_01.6
Features
■ High Performance FPGA Fabric
• 15K to 115K four input Look-up Tables (LUT4s)
• 139 to 942 I/Os
• 700MHz global clock; 1GHz edge clocks
■ 4 to 32 High Speed SERDES and flexiPCS™
(per Device)
• Performance ranging from 600Mbps to 3.8Gbps
• Excellent Rx jitter tolerance (0.8UI at
3.125Gbps)
• Low Tx jitter (0.25UI typical at 3.125Gbps)
• Built-in Pre-emphasis and equalization
• Low power (typically 105mW per channel)
• Embedded Physical Coding Sublayer (PCS)
provides pre-engineered implementation for the
following standards:
– GbE, XAUI, PCI Express, SONET, Serial
RapidIO, 1G Fibre Channel, 2G Fibre Channel
■ 2Gbps High Performance PURESPEED™ I/O
• Supports the following performance bandwidths
– Differential I/O up to 2Gbps DDR
(1GHz Clock)
– Single-ended memory interfaces up to
800Mbps
• 144 Tap programmable Input Delay (INDEL)
block on every I/O dynamically aligns data to
clock for robust performance
– Dynamic bit Adaptive Input Logic (AIL) mon-
itoring and control circuitry per pin that auto-
matically ensures proper set-up and hold
– Dynamic bus: uses control bus from DLL
– Static per bit
• Electrical standards supported:
– LVCMOS 3.3/2.5/1.8/1.5/1.2, LVTTL
– SSTL 3/2/18 I, II; HSTL 18/15 I, II
– PCI, PCI-X
– LVDS, Mini-LVDS, Bus-LVDS, MLVDS,
LVPECL, RSDS, Hypertransport
• Programmable On Die Termination (ODT)
– Includes Thevenin Equivalent and low
power VTT termination options
■ Memory Intensive FPGA
• sysMEM™ embedded Block RAM
– 1 to 7.8 Mbits memory
– True Dual Port/Pseudo Dual Port/Single
Port
– Dedicated FIFO logic for all block RAM
– 500MHz performance
• Additional 240K to 1.8Mbits distributed RAM
■ sysCLOCK™ Network
• Eight analog PLLs per device
– Frequency range from 15MHz to 1GHz
– Spread spectrum support
• 12 DLLs per device with direct control of I/O
delay
– Frequency range from 100MHz to 700MHz
• Extensive clocking network
– 700MHz primary and 325 MHz secondary
clocks
– 1GHz I/O-connected edge clocks
• Precision Clock Divider
– Phase matched x2 and x4 division of incom-
ing clocks
• Dynamic Clock Select (DCS)
– Glitch free clock MUX
■ Masked Array for Cost Optimization
(MACO™) Blocks
• On-chip structured ASIC Blocks provide pre-
engineered IP for low power, low cost system
level integration
■ High Performance System Bus
• Ties FPGA elements together with a standard
bus framework
– Connects to peripheral user interfaces for
run-time dynamic configuration
■ System Level Support
• IEEE standard 1149.1 Boundary Scan, plus
ispTRACY™ internal logic analyzer
• IEEE Standard 1532 in-system configuration
• 1.2V and 1.0V operation
• Onboard oscillator for initialization and general
use
• Embedded PowerPC microprocessor interface
• Low cost wire-bond and high pin count flip-chip
packaging
• Low cost SPI Flash RAM configuration
LatticeSC/M Family Data Sheet
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com