Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 76 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 76 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 72Page - Lattice Semiconductor LFSC Datasheet HTML 73Page - Lattice Semiconductor LFSC Datasheet HTML 74Page - Lattice Semiconductor LFSC Datasheet HTML 75Page - Lattice Semiconductor LFSC Datasheet HTML 76Page - Lattice Semiconductor LFSC Datasheet HTML 77Page - Lattice Semiconductor LFSC Datasheet HTML 78Page - Lattice Semiconductor LFSC Datasheet HTML 79Page - Lattice Semiconductor LFSC Datasheet HTML 80Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 237 page
background image
4-2
Pinout Information
Lattice Semiconductor
LatticeSC/M Family Data Sheet
PROBE_GND
—
GND signal - Connected to internal VSS node. Can be used for feed-
back to control an external board power converter. Can be uncon-
nected if not used.
PLL and Clock Functions (Used as user-programmable I/O pins when not in use for PLL, DLL or clock pins.)
[LOC]_PLL[T, C]_FB_[A/B]
I
PLL feedback input. Pull-ups are enabled on input pins during configu-
ration. [LOC] indicates the corner the PLL is located in: ULC (upper
left), URC (upper right), LLC (lower left) and LRC (lower right). [T, C]
indicates whether input is true or complement. [A, B] indicates PLL ref-
erence within the corner.
[LOC]_DLL[T, C]_FB_[C, D, E, F]
I
DLL feedback input. Pull-ups are enabled on input pins during configu-
ration. [LOC] indicates the corner the DLL is located in: ULC (upper
left), URC (upper right), LLC (lower left) and LRC (lower right). [T/C]
indicates whether input is true or complement. [C, D, E, F] indicates
DLL reference within a corner. Note: E and F are only available on the
lower corners.
[LOC]_PLL[T, C]_IN[A/B]
I
PLL reference clock input. Pull-ups are enabled on input pins during
configuration. [LOC] indicates the corner the PLL is located in: ULC
(upper left corner), URC (upper right corner), LLC (lower left corner)
and LRC (lower right corner). [T, C] indicates whether input is true or
complement.[A, B] indicates PLL reference within the corner.
[LOC]_DLL[T, C]_IN[C, D, E, F]
DLL reference clock inputs. Pull-ups are enabled on input pins during
configuration. [LOC] indicates the corner the DLL is located in: ULC
(upper left corner), URC (upper right corner), LLC (lower left corner)
and LRC (lower right corner). [T/C] indicates whether input is true or
complement. [C, D, E, F] indicates DLL reference within a corner.
Note: E and F are only available on the lower corners. PCKLxy_[0:3]
can drive primary clocks, edge clocks, and CLKDIVs. PCLKxy_[4:7]
can only drive edge clocks.
PCLKxy_z
General clock inputs. x indicates whether T (true) or C (complement).
y indicates the I/O bank the clock is associated with. z indicates the
clock number within a bank.
Test and Programming (Dedicated pins. Pull-up is enabled on input pins during configuration.)
TMS
I
Test Mode Select input, used to control the 1149.1 state machine.
TCK
I
Test Clock input pin, used to clock the 1149.1 state machine.
TDI
I
Test Data in pin, used to load data into device using 1149.1 state
machine. After power-up, this TAP port can be activated for configura-
tion by sending appropriate command. (Note: once a configuration
port is selected it is locked. Another configuration port cannot be
selected until the power-up sequence).
TDO
O
Output pin -Test Data out pin used to shift data out of device using
1149.1.
Configuration Pads (Dedicated pins. Used during sysCONFIG.)
M[3:0]
I
Mode pins used to specify configuration modes values latched on ris-
ing edge of INITN.
INITN
I/O
Open Drain pin - Indicates the FPGA is ready to be configured. During
configuration, a pull-up is enabled that will pull the I/O above 1.5V.
PROGRAMN
I
Initiates configuration sequence when asserted low. This pin always
has an active pull-up.
DONE
I/O
Open Drain pin - Indicates that the configuration sequence is com-
plete, and the startup sequence is in progress.
CCLK
I/O
Configuration Clock for configuring an FPGA in sysCONFIG mode.
Signal Descriptions (Cont.)
Signal Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com