Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 6Page - Lattice Semiconductor LFSC Datasheet HTML 7Page - Lattice Semiconductor LFSC Datasheet HTML 8Page - Lattice Semiconductor LFSC Datasheet HTML 9Page - Lattice Semiconductor LFSC Datasheet HTML 10Page - Lattice Semiconductor LFSC Datasheet HTML 11Page - Lattice Semiconductor LFSC Datasheet HTML 12Page - Lattice Semiconductor LFSC Datasheet HTML 13Page - Lattice Semiconductor LFSC Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 237 page
background image
2-6
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
PFU Modes of Operation
Slices can be combined within a PFU to form larger functions. Table 2-4 tabulates these modes and documents the
functionality possible at the PFU level.
Table 2-4. PFU Modes of Operation
Routing
There are many resources provided in the LatticeSC devices to route signals individually or as busses with related
control signals. The routing resources consist of switching circuitry, buffers and metal interconnect (routing) seg-
ments.
The inter-PFU connections are made with x1 (spans two PFU), x2 (spans three PFU) and x6 (spans seven PFU)
resources. The x1 and x2 connections provide fast and efficient connections in horizontal, vertical and diagonal
directions. All connections are buffered to ensure high-speed operation even with long high-fanout connections.
The ispLEVER design tool takes the output of the synthesis tool and places and routes the design. Generally, the
place and route tool is completely automatic, although an interactive routing editor is available to optimize the
design.
sysCLOCK Network
The LatticeSC devices have three distinct clock networks for use in distributing high-performance clocks within the
device: primary clocks, secondary clocks and edge clocks. In addition to these dedicated clock networks, users are
free to route clocks within the device using the general purpose routing. Figure 2-4 shows the clock resources
available to each slice.
Figure 2-4. Slice Clock Selection
Primary Clock Sources
LatticeSC devices have a wide variety of primary clock sources available. Primary clocks sources consists of the
following:
• Primary clock input pins
• Edge clock input pins
• Two outputs per DLL
Logic
Ripple
RAM
ROM
LUT 4x8 or
MUX 2x1 x 8
2-bit Add x 4
SPR 16x2 x 4
DPR 16x2 x 2
ROM 16x1 x 8
LUT 5x4 or
MUX 4x1 x 4
2-bit Sub x 4
SPR 16x4 x 2
DPR 16x4 x 1
ROM 16x2 x 4
LUT 6x2 or
MUX 8x1 x 2
2-bit Counter x 4
SPR 16x8 x 1
ROM 16x4 x 2
LUT 7x1 or
MUX 16x1 x 1
2-bit Comp x 4
ROM 16x8 x1
Primary Clock
Secondary Clock
Routing
Clock to Slice
GND
12
6
Note: GND is available to switch off the network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com