Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 32 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 32 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 28Page - Lattice Semiconductor LFSC Datasheet HTML 29Page - Lattice Semiconductor LFSC Datasheet HTML 30Page - Lattice Semiconductor LFSC Datasheet HTML 31Page - Lattice Semiconductor LFSC Datasheet HTML 32Page - Lattice Semiconductor LFSC Datasheet HTML 33Page - Lattice Semiconductor LFSC Datasheet HTML 34Page - Lattice Semiconductor LFSC Datasheet HTML 35Page - Lattice Semiconductor LFSC Datasheet HTML 36Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 237 page
background image
2-28
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Table 2-10. Supported Output Standards
4
Output Standard
Drive
VCCIO (Nom)
On-chip Output Termination
Single-ended Interfaces
LVTTL/D
1
8mA, 16mA, 24mA
3.3
None.
LVCMOS33/D
1
8mA, 16mA, 24mA
3.3
None
LVCMOS25/D
1, 2
4mA, 8mA, 12mA, 16mA,
2.5
None, series: 25, 33, 50, 100
LVCMOS18/D
1, 2
4mA, 8mA, 12mA, 16mA,
1.8
None, series: 25, 33, 50, 100
LVCMOS15/D
1, 2
4mA, 8mA, 12mA, 16mA,
1.5
None, series: 25, 33, 50, 100
LVCMOS12/D
1, 2
2mA, 4mA, 8mA, 12mA
1.2
None, series: 25, 33, 50, 100
PCIX15
N/A
1.5
None
PCI33, PCIX33, AGP1X33,
AGP2X33
N/A
3.3
None
HSTL18_I
N/A
1.8
None, series: 50
HSTL18_II
N/A
1.8
None, series: 25, series + parallel to VCCIO/2:
25 + 60
HSTL15_I
N/A
1.5
None, series: 50
HSTL15_II
N/A
1.5
None, series: 25, series + parallel to VCCIO/2:
25 + 60
SSTL33_I
N/A
3.3
None
SSTL33_II
N/A
3.3
None
SSTL25_I
N/A
2.5
None, series: 50
SSTL25_II
N/A
2.5
None, series: 33, series + parallel to VCCIO/2:
33+ 60
SSTL18_ I
N/A
1.8
None, series: 33
SSTL18_II
N/A
1.8
None, series: 33, series + parallel to VCCIO/2:
33+ 60
Differential Interfaces
SSTL18D_I
N/A
1.8
None, series: 33
SSTL25D_I
N/A
2.5
None, series: 50
SSTL18D_II, SSTL25D_II
N/A
1.2/2.5/3.3
None, series: 33, series + parallel to VCCIO/2:
33+ 60
SSTL33D_I, II
N/A
3.3
None
HSTL15D_I, HSTL18D_I
N/A
1.5/1.8
None, series: 50
HST15D_II, HSTL18D_II
N/A
1.5/1.8
None, series: 25, series + parallel to VCCIO/2:
25 + 60
LVDS
2mA, 3.5mA, 4mA, 6mA
N/A
None
Mini-LVDS
3.5mA, 4mA, 6mA
N/A
None
BLVDS25
N/A
N/A
None
MLVDS25
N/A
N/A
None
LVPECL33
3
N/A
3.3
None
HYPT (Hyper Transport)
3.5mA, 4mA, 6mA
N/A
None
RSDS
2mA, 3.5mA, 4mA, 6mA
N/A
None
1. D refers to open drain capability.
2. User can select either drive current or driver impedances but not both.
3. Emulated with external resistors.
4. No GTL or GTL+ support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com