Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 63 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 63 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 59Page - Lattice Semiconductor LFSC Datasheet HTML 60Page - Lattice Semiconductor LFSC Datasheet HTML 61Page - Lattice Semiconductor LFSC Datasheet HTML 62Page - Lattice Semiconductor LFSC Datasheet HTML 63Page - Lattice Semiconductor LFSC Datasheet HTML 64Page - Lattice Semiconductor LFSC Datasheet HTML 65Page - Lattice Semiconductor LFSC Datasheet HTML 66Page - Lattice Semiconductor LFSC Datasheet HTML 67Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 237 page
background image
3-19
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Input Delay Block/AIL Timing
GSR Timing
Internal System Bus Timing
Parameter
Description
Min.
Typ.
Max.
Units
tFDEL
Fine delay time
35
45
80
ps
tCDEL
Coarse delay time
1120
1440
2560
ps
jtAIL
AIL jitter tolerance
1- ((N
1 * tFDEL) / (Clock Period))
UI
1. N = number of fine delays used in a particular AIL setting
Parameter
Description
VCC
-7
-6
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.
tSYNC_GSR_MAX
Maximum operating frequency for
synchronous GSR
1.14V
—
438
—
417
—
398
MHz
0.95V
—
378
—
355
—
337
MHz
tASYNC_GSR_MPW
Minimum pulse width of
asynchronous input
—————
3.3
—
ns
Note: Synchronous GSR goes out of reset in two cycles from the clock edge where the setup time of the FF was met.
Parameter
Description
-7
-6
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.
tHCLK
Maximum operating frequency for internal
system bus HCLK.
—
200
—
200
—
200
MHz
Note: There is no minimum frequency. If HCLK is sourced from the embedded oscillator, the minimum frequency limitation of the oscillator/
divider is about 0.3 MHz. Refer to the osciallator data for missing configuration modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com