Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 60 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 60 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 56Page - Lattice Semiconductor LFSC Datasheet HTML 57Page - Lattice Semiconductor LFSC Datasheet HTML 58Page - Lattice Semiconductor LFSC Datasheet HTML 59Page - Lattice Semiconductor LFSC Datasheet HTML 60Page - Lattice Semiconductor LFSC Datasheet HTML 61Page - Lattice Semiconductor LFSC Datasheet HTML 62Page - Lattice Semiconductor LFSC Datasheet HTML 63Page - Lattice Semiconductor LFSC Datasheet HTML 64Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 237 page
background image
3-16
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
LVCMOS18_4mA
LVCMOS 1.8 4mA drive
-0.278
-0.099
-0.312
-0.115
-0.345
-0.131
ns
LVCMOS18_8mA
LVCMOS 1.8 8mA drive
-0.073
-0.078
-0.078
-0.084
-0.083
-0.089
ns
LVCMOS18_12mA
LVCMOS 1.8 12mA drive
0.024
-0.106
0.019
-0.004
0.016
0.099
ns
LVCMOS18_16mA
LVCMOS 1.8 16mA drive
0.074
-0.134
0.08
-0.022
0.088
0.089
ns
LVCMOS18_OD
LVCMOS 1.8 open drain
0.002
-0.206
0
-0.196
-0.002
-0.221
ns
LVCMOS15_4mA
LVCMOS 1.5 4mA drive
-0.344
-0.164
-0.379
-0.186
-0.412
-0.209
ns
LVCMOS15_8mA
LVCMOS 1.5 8mA drive
-0.125
-0.137
-0.145
-0.157
-0.164
-0.176
ns
LVCMOS15_12mA
LVCMOS 1.5 12mA drive
-0.027
-0.166
-0.043
-0.07
-0.059
0.026
ns
LVCMOS15_16mA
LVCMOS 1.5 16mA drive
0.025
-0.195
0.013
-0.089
0.003
0.017
ns
LVCMOS15_OD
LVCMOS 1.5 open drain
-0.047
-0.267
-0.067
-0.267
-0.087
-0.299
ns
LVCMOS12_2mA
LVCMOS 1.2 2mA drive
-0.473
-0.293
-0.505
-0.317
-0.537
-0.34
ns
LVCMOS12_4mA
LVCMOS 1.2 4mA drive
-0.218
-0.239
-0.25
-0.271
-0.28
-0.303
ns
LVCMOS12_8mA
LVCMOS 1.2 8mA drive
-0.109
-0.269
-0.143
-0.181
-0.176
-0.093
ns
LVCMOS12_12mA
LVCMOS 1.2 12mA drive
-0.054
-0.3
-0.085
-0.203
-0.114
-0.106
ns
LVCMOS12_OD
LVCMOS 1.2 open drain
-0.126
-0.371
-0.166
-0.398
-0.204
-0.43
ns
PCI33
PCI
-0.216
-0.791
-0.417
-1.263
-0.618
-1.735
ns
PCIX33
PCI-X 3.3
-0.216
-0.791
-0.417
-1.263
-0.618
-1.735
ns
PCIX15
PCI-X 1.5
0.208
0.227
0.233
0.312
0.259
0.398
ns
AGP1X33
AGP-1X 3.3
-0.216
-0.791
-0.417
-1.263
-0.618
-1.735
ns
AGP2X33
AGP-2X
-0.216
-0.791
-0.417
-1.263
-0.618
-1.735
ns
LatticeSC/M Family Timing Adders (Continued)
Over Recommended Operating Conditions at VCC = 1.2V +/- 5%
Buffer Type
Description
-7
-6
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com