Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 52 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 52 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 48Page - Lattice Semiconductor LFSC Datasheet HTML 49Page - Lattice Semiconductor LFSC Datasheet HTML 50Page - Lattice Semiconductor LFSC Datasheet HTML 51Page - Lattice Semiconductor LFSC Datasheet HTML 52Page - Lattice Semiconductor LFSC Datasheet HTML 53Page - Lattice Semiconductor LFSC Datasheet HTML 54Page - Lattice Semiconductor LFSC Datasheet HTML 55Page - Lattice Semiconductor LFSC Datasheet HTML 56Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 237 page
background image
3-8
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Differential HSTL and SSTL
Differential HSTL and SSTL outputs are implemented as a pair of complementary single-ended outputs. All allow-
able single-ended output classes (class I and class II) are supported in this mode.
MLVDS
The LatticeSC devices support the MLVDS standard. This industry standard is emulated using controlled imped-
ance complementary LVCMOS outputs in conjunction with a parallel external resistor across the driver outputs.
MLVDS is intended for use when multi-drop and bi-directional multi-point differential signaling is required. The
scheme shown in Figure 3-1 is one possible solution for bi-directional multi-point differential signals.
Figure 3-1. MLVDS Multi-Point Output Example
Table 3-1. MLVDS DC Conditions
1
Over Recommended Operating Conditions
Nominal
Symbol
Description
Zo = 50
Zo = 70
Units
ZOUT
Output impedance
50
50
ohm
RTLEFT
Left end termination
50
70
ohm
RTRIGHT
Right end termination
50
70
ohm
VOH
Output high voltage
1.50
1.575
V
VOL
Output low voltage
1.00
0.925
V
VOD
Output differential voltage
0.50
0.65
V
VCM
Output common mode voltage
1.25
1.25
V
IDC
DC output current
20.0
18.5
mA
1. For input buffer, see LVDS table.
Heavily loaded backplane, effective Zo ~ 50 to 70 ohms differential
50
50
2.5V
2.5V
50
50
2.5V
2.5V
50
50
2.5V
2.5V
+
-
50
50
2.5V
2.5V
+
-
. . .
50-70 ohms, +/- 1%
50-70 ohms, +/- 1%
++
-
-
+
-
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com