Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 4 Page - Lattice Semiconductor

  LFSC Datasheet HTML 1Page - Lattice Semiconductor LFSC Datasheet HTML 2Page - Lattice Semiconductor LFSC Datasheet HTML 3Page - Lattice Semiconductor LFSC Datasheet HTML 4Page - Lattice Semiconductor LFSC Datasheet HTML 5Page - Lattice Semiconductor LFSC Datasheet HTML 6Page - Lattice Semiconductor LFSC Datasheet HTML 7Page - Lattice Semiconductor LFSC Datasheet HTML 8Page - Lattice Semiconductor LFSC Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 237 page
background image
Introduction
Lattice Semiconductor
LatticeSC/M Family Data Sheet
1-3
The ispLEVER
® design tool from Lattice allows large complex designs to be efficiently implemented using the Lat-
ticeSC family of FPGA devices. Synthesis library support for LatticeSC is available for popular logic synthesis tools.
The ispLEVER tool uses the synthesis tool output along with the constraints from its floor planning tools to place
and route the design in the LatticeSC device. The ispLEVER tool extracts the timing from the routing and back-
annotates it into the design for timing verification.
Lattice provides many pre-designed IP (Intellectual Property) ispLeverCORE™ modules for the LatticeSC family.
By using these IPs as standardized blocks, designers are free to concentrate on the unique aspects of their design,
increasing their productivity.
Innovative high-performance FPGA architecture, high-speed SERDES with PCS support, sysMEM embedded
memory and high performance I/O are combined in the LatticeSC to provide excellent performance for today’s
leading edge systems designs. Table 1-3 details the performance of several common functions implemented within
the LatticeSC.
Table1-3. Speed Performance for Typical Functions
1
Functions
Performance (MHz)
2
32-bit Address Decoder
539
64-bit Address Decoder
517
32:1 Multiplexer
779
64-bit Adder (ripple)
353
32x8 Distributed Single Port (SP) RAM
768
64-bit Counter (up or down counter, non-loadable)
369
True Dual-Port 1024x18 bits
372
FIFO Port A: x36 bits, B: x9 bits
375
1. For additional information, see Typical Building BLock Function Performance table
in this data sheet.
2. Advance information (-7 speed grade).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com