Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 79 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 79 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 75Page - Lattice Semiconductor LFSC Datasheet HTML 76Page - Lattice Semiconductor LFSC Datasheet HTML 77Page - Lattice Semiconductor LFSC Datasheet HTML 78Page - Lattice Semiconductor LFSC Datasheet HTML 79Page - Lattice Semiconductor LFSC Datasheet HTML 80Page - Lattice Semiconductor LFSC Datasheet HTML 81Page - Lattice Semiconductor LFSC Datasheet HTML 82Page - Lattice Semiconductor LFSC Datasheet HTML 83Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 237 page
background image
4-5
Pinout Information
Lattice Semiconductor
LatticeSC/M Family Data Sheet
MPI_STRBN
I
Driven active low indicates the start of a transaction on the PowerPC
bus. MPI will strobe the address bus at next rising edge of clock.
MPI_ADDR[31:14]
I
Address bus driven by a PowerPC bus master. Only 18-bit width is
needed. It has to be the least significant bit of the PowerPC 32-bit
address A[31:14].
MPI_DAT[n:0]
I/O
Selectable data bus width from 8, and 16-bit. Driven by a bus master
in a write transaction. Driven by MPI in a read transaction.
MPI_PAR[m:0]
I/O
Selectable parity bus width from 1, 2, and 3-bit. MPI_DP[0] for
MPI_D[7:0], MPI_DP[1] for MPI_D[15:8] and MPI_DP[2] for
MPI_D[23:16].
MPI_TA
O
Transfer acknowledge. Driven active low indicates that MPI received
the data on the write cycle or returned data on the read cycle.
MPI_TEA
O
Transfer Error Acknowledge. Driven active low indicates that MPI
detects a bus error on the internal system bus for current transaction.
MPI_RETRY
O
Active low MPI Retry requests the MPC860 to relinquish the bus and
retry the cycle.
Multi-chip Alignment (User I/O if not used.)
MCA_DONE_OUT
O
Multi-chip alignment done output (to second MCA chip)
MCA_DONE_IN
I
Multi-chip alignment done input (from second MCA chip)
MCA_CLK_P[1:2]_OUT
O
Multi-chip alignment clock [1:2] output (sourced by MCA master chip)
MCA_CLK_P[1:2]_IN
I
Multi-chip alignment clock [1:2] input (from MCA master chip
TEMP
—
Temperature sensing diode pin. Dedicated pin. Accuracy is typically
+/- 10°C.
Miscellaneous Dedicated Pins
XRES
—
External reference resistor between this pin and ground. The refer-
ence resistor is used to calibrate the programmable terminating resis-
tors used in the I/Os. Dedicated pin. Value: 1K ± 1% ohm.
DIFFRx
—
Only used if a differential driver is used in a bank. This DIFFRx must
be connected to ground via an external 1K ±1% ohm resistor for all
banks that have a differential driver.
SERDES Block (Dedicated Pins)
[A:D]_HDINPx_[L/R]
I
High-speed input (positive) channel x on left [L] or right [R] side of
device. PCS quad is defined in the dual function name column of the
Logic Signal Connection table.
[A:D]_HDINNx_[L/R]
I
High-speed input (negative) channel x on left [L] or right [R] side of
device. PCS quad is defined in the dual function name column of the
Logic Signal Connection table.
[A:D]_HDOUTPx_[L/R]
O
High-speed output (positive) channel x on left [L] or right [R] side of
device. PCS quad is defined in the dual function name column of the
Logic Signal Connection table.
[A:D]_HDOUTNx_[L/R]
O
High-speed output (negative) channel x on left [L] or right [R] side of
device. PCS quad is defined in the dual function name column of the
Logic Signal Connection table.
[A:D]_REFCLKP_[L/R]
I
Ref clock input (positive), aux channel on left [L] or right [R] side of
device.
[A:D]_REFCLKN_[L/R]
I
Ref clock input (negative), aux channel on left [L] or right [R] side of
device.
Signal Descriptions (Cont.)
Signal Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com