Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 46 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 46 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 42Page - Lattice Semiconductor LFSC Datasheet HTML 43Page - Lattice Semiconductor LFSC Datasheet HTML 44Page - Lattice Semiconductor LFSC Datasheet HTML 45Page - Lattice Semiconductor LFSC Datasheet HTML 46Page - Lattice Semiconductor LFSC Datasheet HTML 47Page - Lattice Semiconductor LFSC Datasheet HTML 48Page - Lattice Semiconductor LFSC Datasheet HTML 49Page - Lattice Semiconductor LFSC Datasheet HTML 50Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 237 page
background image
3-2
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Power Supply Ramp Rates
Hot Socketing Specifications
1
DC Electrical Characteristics
5
Over Recommended Operating Conditions
Symbol
Parameter
Condition
Min.
Typ.
Max
Units
tRAMP
Power supply ramp rates for all power supplies
Over process, voltage,
temperature
3.45
—
—
mV/µs
—
—
75
ms
1. See the Power-up and Power-Down requirements section for more details on power sequencing.
2. From 0.5V to minimum operating voltage.
Symbol
Parameter
Condition
Min.
Typ.
Max
Units
IDK
Programmable and dedicated Input or I/O leakage
current
2, 3, 4, 5, 6
0 <= VIN <= VIH (MAX)
—
—
±1500
µA
IHDIN
SERDES average input current when device powered
down and inputs driven
7
——
4
mA
1. See Hot Socket power up/down information in Chapter 2 of this document.
2. Assumes monotonic rise/fall rates for all power supplies.
3. Sensitive to power supply sequencing as described in hot socketing section.
4. Assumes power supplies are between 0 and maximum recommended operations conditions.
5. IDK is additive to IPU, IPD or IBH.
6. Represents DC conditions. For the first 20ns after hot insertion, current specification is 8 mA.
7. Assumes that the device is powered down with all supplies grounded, both P and N inputs driven by a CML driver with maximum allowed
VDDOB of 1.575V, 8b/10b data and internal AC coupling.
Symbol
Parameter
Condition
Min.
3
Typ.
Max.
Units
IIL, IIH
1
Input or I/O Low leakage
0 ≤ VIN ≤ VIH (MAX)
—
—
10
µA
IPU
I/O Active Pull-up Current 0 ≤ VIN ≤ 0.7 VCCIO
-30
—
-210
µA
IPD
I/O Active Pull-down Cur-
rent
VIL (MAX) ≤ VIN ≤ VIH (MAX)
30
—
210
µA
IBHLS
Bus Hold Low Sustaining
Current
VIN = VIL (MAX)
30
—
—
µA
IBHHS
Bus Hold High Sustaining
Current
VIN = 0.7VCCIO
-30
—
—
µA
IBHLO
Bus Hold Low Overdrive
Current
0 ≤ VIN ≤ VIH (MAX)
—
—
210
µA
IBHLH
Bus Hold High Overdrive
Current
0 ≤ VIN ≤ VIH (MAX)
—
—
-210
µA
ICL
PCI Low Clamp Current
-3 < VIN ≤ -1
-25 + (VIN + 1)/0.015
—
—
mA
ICH
PCI High Clamp Current
VCC + 4 > VIN ≥ VCC + 1
25 + (VIN - VCC -1)/
0.015
——
mA
VBHT
Bus Hold trip Points
0 ≤ VIN ≤ VIH (MAX)
VIL (MAX)
—
VIH (MIN)
V
C1
I/O Capacitance
2
VCCIO = 3.3V, 2.5V, 1.8V, 1.5V, 1.2V,
VCC = 1.2V, VCCIP2 = 1.2V,
VCCAUX = 2.5, VIO = 0 to VIH (MAX)
—8
—
pf
C3
2
Dedicated Input
Capacitance
2
VCCIO = 3.3V, 2.5V, 1.8V, 1.5V, 1.2V,
VCC = 1.2V, VCCIP2 = 1.2V,
VCCAUX = 2.5, VIO = 0 to VIH (MAX)
—6
—
pf
1. Input or I/O leakage current is measured with the pin configured as an input or as an I/O with the output driver tri-stated. It is not measured
with the output driver active. Bus maintenance circuits are disabled.
2. TA 25°C, f = 1.0MHz
3. IPU, IPD, IBHLS and IBHHS have minimum values of 15 or -15µA if VCCIO is set to 1.2V nominal.
4. This table does not apply to SERDES pins.
5. For programmable I/Os.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com