Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 16 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 16 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 12Page - Lattice Semiconductor LFSC Datasheet HTML 13Page - Lattice Semiconductor LFSC Datasheet HTML 14Page - Lattice Semiconductor LFSC Datasheet HTML 15Page - Lattice Semiconductor LFSC Datasheet HTML 16Page - Lattice Semiconductor LFSC Datasheet HTML 17Page - Lattice Semiconductor LFSC Datasheet HTML 18Page - Lattice Semiconductor LFSC Datasheet HTML 19Page - Lattice Semiconductor LFSC Datasheet HTML 20Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 237 page
background image
2-12
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
There is a Digital Control (DCNTL) bus available from the DLL block. This Digital Control bus is available to the
delay lines in the PIC blocks in the adjacent banks. The UDDCNTL signal allows the user to latch the current value
on the digital control bus.
Figure 2-12 shows the DLL block diagram of the DLL inputs and outputs. The output of the phase frequency detec-
tor controls an arithmetic logic unit (ALU) to add or subtract one delay tap. The digital output of this ALU is used to
control the delay value of the delay chain and this digital code is transmitted via the DCNTL bus.
The sysCLOCK DLL can be configured at power-up, then, if desired, reconfigured dynamically through the Serial
Memory Interface bus which interfaces with the on-chip Microprocessor Interface (MPI) bus. In addition, users can
drive the SMI interface from routing if desired.
The user can configure the DLL for many common functions such as clock injection match and single delay cell.
Lattice provides primitives in its design for time reference delay (DDR memory) and clock injection delay removal.
Figure 2-12. DLL Diagram
PLL/DLL Cascading
The LatticeSC devices have been designed to allow certain combinations of PLL and DLL cascading. The allow-
able combinations are as follows:
• PLL to PLL
• PLL to DLL
• DLL to DLL
• DLL to PLL
DLLs are used to shift the clock in relation to the data for source synchronous inputs. PLLs are used for frequency
synthesis and clock generation for source synchronous interfaces. Cascading PLL and DLL blocks allows applica-
tions to utilize the unique benefits of both DLL and PLLs.
When cascading the DLL to the PLL, the DLL can be used to drive the PLL to create fine phase shifts of an input
clock signal. Figure 2-13 shows a shift of all outputs for CLKOP and CLKOS out in time.
CLKI
CLKFB
CLKOP
CLKOS
UDDCNTL
ALUHOLD
DCNTL
Delay
Chain
ALU
Duty50
Duty50
Phase Adj
PFD
DCNTL
Gen
LOCK
Phase Adj
RSTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com