Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 36 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 36 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 32Page - Lattice Semiconductor LFSC Datasheet HTML 33Page - Lattice Semiconductor LFSC Datasheet HTML 34Page - Lattice Semiconductor LFSC Datasheet HTML 35Page - Lattice Semiconductor LFSC Datasheet HTML 36Page - Lattice Semiconductor LFSC Datasheet HTML 37Page - Lattice Semiconductor LFSC Datasheet HTML 38Page - Lattice Semiconductor LFSC Datasheet HTML 39Page - Lattice Semiconductor LFSC Datasheet HTML 40Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 237 page
background image
2-32
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Differential Input Termination
The LatticeSC device allows two types of differential termination. The first is a single resistor across the differential
inputs. The second is a center-tapped system where each input is terminated to the on-chip termination bus VCMT.
The VCMT bus is DC-coupled through an internal capacitor to ground.
Figure 2-29 shows the differential termination schemes and Table 2-9 shows the nominal values of the termination
resistors.
Figure 2-29. Differential Termination Scheme
Calibration
There are two calibration sources that are associated with the termination scheme used in the LatticeSC devices:
• DIFFR – This pin occurs in each bank that supports differential drivers and must be connected through a
1K+/-1% resistor to ground if differential outputs are used. Note that differential drivers are not supported in
banks 1, 4 and 5.
• XRES – There is one of these pins per device. It is used for several functions including calibrating on-chip
termination. This pin should always be connected through a 1K+/-1% resistor to ground.
The LatticeSC devices support two modes of calibration:
• Continuous – In this mode the SC devices continually calibrate the termination resistances. Calibration hap-
pens several times a second. Using this mode ensures that termination resistances remain calibrated as
the silicon junction temperature changes.
• User Request – In this mode the calibration circuit operates continuously. However, the termination resistor
values are only updated on the assertion of the calibration_update signal available to the core logic.
For more information on calibration, refer to the details of additional technical documentation at the end of this data
sheet.
Hot Socketing
The LatticeSC devices have been carefully designed to ensure predictable behavior during power-up and power-
down. To ensure proper power sequencing, care must be taken during power-up and power-down as described
below. During power-up and power-down sequences, the I/Os remain in tristate until the power supply voltage is
high enough to ensure reliable operation. In addition, leakage into I/O pins is controlled to within specified limits,
Termination Type
Discrete Off-Chip Solution
Lattice On-Chip Solution
Differential termination
Differential and common
mode termination
ON-chip
OFF-chip
+
-
2Zo
Zo
Zo
ON-chip
OFF-chip
GND
+
-
Zo
Zo
Zo
Zo
ON-chip
OFF-chip
+
-
2Zo
Zo
Zo
ON-chip
OFF-chip
GND
VCMT
+
-
Zo
Zo
Zo
Zo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com