Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 15 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 15 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 11Page - Lattice Semiconductor LFSC Datasheet HTML 12Page - Lattice Semiconductor LFSC Datasheet HTML 13Page - Lattice Semiconductor LFSC Datasheet HTML 14Page - Lattice Semiconductor LFSC Datasheet HTML 15Page - Lattice Semiconductor LFSC Datasheet HTML 16Page - Lattice Semiconductor LFSC Datasheet HTML 17Page - Lattice Semiconductor LFSC Datasheet HTML 18Page - Lattice Semiconductor LFSC Datasheet HTML 19Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 237 page
background image
2-11
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
The setup and hold times of the device can be improved by programming a delay in the feedback or input path of
the PLL which will advance or delay the output clock with reference to the input clock. This delay can be either pro-
grammed during configuration or can be adjusted dynamically.
The Phase Select block can modify the phase of the clock signal if desired. The Spread Spectrum block supports
the modulation of the PLL output frequency. This reduces the peak energy in the fundamental and its harmonics
providing for lower EMI (Electro Magnetic Interference).
The sysCLOCK PLL can be configured at power-up and then, if desired, reconfigured dynamically through the
serial memory interface bus which connects with the on-chip system bus. For example, the user can select inputs,
loop filters, divider setting, delay settings and phase shift settings. The user can also directly access the SMI bus
through the routing.
The PLL clock input, from pin or routing, feeds into an input divider. There are four sources of feedback signal to the
feedback divider: from the clock net, directly from the voltage controlled oscillator (VCO) output, from the routing or
from an external pin. The signal from the input clock divider and the feedback divider are passed through the pro-
grammable delay before entering the phase frequency detector (PFD) unit. The output of this PFD is used to con-
trol the voltage controlled oscillator. There is a PLL_LOCK signal to indicate that VCO has locked on to the input
clock signal. Figure 2-11 shows the sysCLOCK PLL diagram.
Figure 2-11. PLL Diagram
For more information on the PLL, please see details of additional technical documentation at the end of this data
sheet.
Spread Spectrum Clocking (SSC)
The PLL supports spread spectrum clocking to reduce peak EMI by using “down-spread” modulation. The spread
spectrum operation will vary the output frequency (at 30KHz to 500KHz) in a range that is between its nominal
value, down to a frequency that is a programmable 1%, 2%, or 3% lower than normal.
Digital Locked Loop (DLLs)
In addition to PLLs, the LatticeSC devices have up to 12 DLLs per device. DLLs assist in the management of clocks
and strobes. DLLs are well suited to applications where the clock may be stopped or transferring jitter from input to
output is important, for example forward clocked interfaces. PLLs are good for applications requiring the lowest out-
put jitter or jitter filtering. All DLL outputs are routed as primary/edge clock sources.
The DLL has two independent clock outputs, CLKOP and CLKOS. These outputs can individually select one of the
outputs from the tapped delay line. The CLKOS has optional fine phase shift and divider blocks to allow this output
to be further modified, if required. The fine phase shift block allows the CLKOS output to phase shifted a further 45,
22.5 or 11.25 degrees relative to its normal position. LOCK output signal is asserted when the DLL is locked. The
ALU HOLD signal setting allows users to freeze the DLL at its current delay setting.
CLKI
CLKFB
CLKOP
CLKOS
VCO/
Loop Filter
Phase
Adjust
PFD
LOCK
Div
Div
Prog
Delay
Prog
Delay
Prog
Delay
Div
Div
Optional Internal Feedback
RSTN
From PFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com