Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 28 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 28 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 24Page - Lattice Semiconductor LFSC Datasheet HTML 25Page - Lattice Semiconductor LFSC Datasheet HTML 26Page - Lattice Semiconductor LFSC Datasheet HTML 27Page - Lattice Semiconductor LFSC Datasheet HTML 28Page - Lattice Semiconductor LFSC Datasheet HTML 29Page - Lattice Semiconductor LFSC Datasheet HTML 30Page - Lattice Semiconductor LFSC Datasheet HTML 31Page - Lattice Semiconductor LFSC Datasheet HTML 32Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 237 page
background image
2-24
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
PURESPEED I/O Buffer Banks
LatticeSC devices have seven PURESPEED I/O buffer banks; each is capable of supporting multiple I/O stan-
dards. Each PURESPEED I/O bank has its own I/O supply voltage (VCCIO), and two voltage references VREF1 and
VREF2 resources allowing each bank to be completely independent from each other. Figure 2-26 shows the seven
banks and their associated supplies. Table 2-7 lists the maximum number of I/Os per bank for the whole LatticeSC
family.
In the LatticeSC devices, single-ended output buffers and ratioed input buffers (LVTTL, LVCMOS, PCI33 and PCIX33)
are powered using VCCIO. In addition to the bank VCCIO supplies, the LatticeSC devices have a VCC core logic power
supply, and a VCCAUX supply that power all differential and referenced buffers. VCCAUX also powers a predriver of
single-ended output buffers to enhance buffer performance.
Each bank can support up to two separate VREF voltages, VREF1 and VREF2 that set the threshold for the refer-
enced input buffers. In the LatticeSC devices any I/O pin in a bank can be configured to be a dedicated reference
voltage supply pin. Each I/O is individually configurable based on the bank’s supply and reference voltages.
Differential drivers have user selectable internal or external bias. External bias is brought in by the VREF1 pin in the
bank. External bias for differential buffers is needed for applications that requires tighter than standard output com-
mon mode range.
Since a bank can have only one external bias circuit for differential drivers, LVDS and RSDS differential outputs can
be mixed in a bank but not with HYPT (HyperTransport).
If a differential driver is configured in a bank, one pin in that bank becomes a DIFFR pin. This DIFFR pin must be
connected to ground via an external 1K +/-1% ohm resistor. Note that differential drivers are not supported in
banks 1, 4 and 5.
In addition, there are dedicated Terminating Supply (VTT) pins to be used as terminating voltage for one of the two
ways to perform parallel terminations. These VTT pins are available in banks 2-7, these pins are not available in
some packages. When VTT termination is not required, or used to provide the common mode termination voltage
(VCMT), these pins can be left unconnected on the device. If the internal or external VCMT function for differential
input termination is used, the VTT pins should be unconnected and allowed to float.
There are further restrictions on the use of VTT pins, for additional details refer to technical information at the end of
this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com