Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 71 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 71 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 67Page - Lattice Semiconductor LFSC Datasheet HTML 68Page - Lattice Semiconductor LFSC Datasheet HTML 69Page - Lattice Semiconductor LFSC Datasheet HTML 70Page - Lattice Semiconductor LFSC Datasheet HTML 71Page - Lattice Semiconductor LFSC Datasheet HTML 72Page - Lattice Semiconductor LFSC Datasheet HTML 73Page - Lattice Semiconductor LFSC Datasheet HTML 74Page - Lattice Semiconductor LFSC Datasheet HTML 75Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 237 page
background image
3-27
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
LatticeSC/M sysCONFIG Port Timing
Over Recommended Operating Conditions
Parameter
Description
Min.
Max.
Units
General Configuration Timing
tSMODE
M[3:0] Setup Time to INITN High
0
—
ns
tHMODE
M[3:0] Hold Time from INITN High
600
—
ns
tRW
RESETN Pulse Width Low to Start Reconfiguration (1.2 V)
50 (or 100 at
0.95V)
—ns
tPGW
PROGRAMN Pulse Width Low to Start Reconfiguration (1.2 V)
50 (or 100 at
0.95V)
—ns
fESB_CLK_FRQ
System Bus ESB_CLK Frequency (No Wait States)
—
133
MHz
sysCONFIG Master Parallel Configuration Mode
tSMB
D[7:0] Setup Time to RCLK High
6
—
ns
tHMB
D[7:0] Hold Time to RCLK High
0
—
ns
tCLMB
RCLK Low Time (Non-compressed Bitstreams)
0.5
0.5
CCLK
periods
RCLK Low Time (Compressed Bitstreams)
0.5
7.5
CCLK
periods
tCHMB
RCLK High Time
0.5
0.5
CCLK
periods
sysCONFIG SPI Port
tCFGX
INITN High to CSCK Low
—
80
ns
tCSSPI
INITN High to CSSPIN Low
0
2
µs
tSCK
CSCK Low before CSSPIN Low
0
—
ns
tSOCDO
CSCK Low to Output Valid
—
15
ns
tCSPID
CSSPIN Low to CSCK high Setup Time
—
15
ns
fMAXSPI
Max CCLK Frequency - SPI Flash Fast Read Opcode (0x0B)
(SPIFASTN=0)
—
50
MHz
tSUSPI
SOSPI/D0 Data Setup Time Before CSCK
7
—
ns
tHSPI
SOSPI/D0 Data Hold Time After CSCK
2
—
ns
Master Clock Frequency
Selected
value - 30%
Selected
value + 30%
MHz
Duty Cycle
40
60
%
sysCONFIG Master Serial Configuration Mode
tSMS
DIN Setup Time
4.4
—
ns
tHMS
DIN Hold Time
0
—
ns
fCMS
CCLK Frequency (No Divider)
90
190
MHz
fC_DIV
CCLK Frequency (Div 128)
0.70
1.48
MHz
tD
CCLK to DOUT Delay
—
7.5
ns
sysCONFIG Master Parallel Configuration Mode
tAVMP
RCLK to Address Valid
—
10
ns
tSMP
D[7:0] Setup Time to RCLK High
6
—
ns
tHMP
D[7:0] Hold Time to RCLK High
0
—
ns
tCLMP
RCLK Low Time (Non-compressed Bitstream)
7.5
7.5
CCLK
periods
RCLK Low Time (Compressed Bitstream)
0.5
63.5
tCHMP
RCLK High Time
0.5
0.5
CCLK
periods
tDMP
CCLK to DOUT
—
7.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com