Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 75 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 75 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 71Page - Lattice Semiconductor LFSC Datasheet HTML 72Page - Lattice Semiconductor LFSC Datasheet HTML 73Page - Lattice Semiconductor LFSC Datasheet HTML 74Page - Lattice Semiconductor LFSC Datasheet HTML 75Page - Lattice Semiconductor LFSC Datasheet HTML 76Page - Lattice Semiconductor LFSC Datasheet HTML 77Page - Lattice Semiconductor LFSC Datasheet HTML 78Page - Lattice Semiconductor LFSC Datasheet HTML 79Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 237 page
background image
January 2008
Data Sheet DS1004
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
www.latticesemi.com
4-1
DS1004 Pinouts_01.8
Signal Descriptions
Signal Name
I/O
Description
General Purpose
P[Edge] [Row/Column Number*]_[A/B/C/D]
I/O
[Edge] indicates the edge of the device on which the pad is located.
Valid edge designations are L (Left), B (Bottom), R (Right), T (Top).
[Row/Column Number] indicates the PIC row or the column of the
device on which the PIC exists. When Edge is T (Top) or (Bottom),
only need to specify Row Number. When Edge is L (Left) or R (Right),
only need to specify Column Number.
[A/B/C/D] indicates the PIO within the PIC to which the pad is con-
nected.
Some of these user programmable pins are shared with special func-
tion pins. These pin when not used as special purpose pins can be
programmed as I/Os for user logic.
During configuration the user-programmable I/Os are tri-stated with an
internal pull-up resistor enabled. If any pin is not used (or not bonded
to a package pin), it is also tri-stated with an internal pull-up resistor
enabled after configuration.
VREF1_x, VREF2_x
—
The reference supply pins for I/O bank x. Any I/O pin in a bank can be
assigned as a reference supply pin, but software defaults use desig-
nated pin.
NC
—
No connect. NC pins should not be connected to any active signals,
VCC or GND.
Non-SERDES Power Supplies
VCCIOx
—
VCCIO - The power supply pins for I/O bank x. Dedicated pins.
VCC12
1
—
1.2V supply for configuration logic, PLLs and SERDES Rx, Tx and
PLL. All VCC12 pins must be connected. As VCC12 supplies power
for analog circuitry, VCC12 should be quiet and isolated from noisy
digital board supplies.
VTT_x
—
Termination voltage for bank x. When VTT termination is not required,
or used to provide the common mode termination voltage (VCMT),
these pins can be left unconnected on the device. VCMT function is
not used in the bank. If the internal or external VCMT function for dif-
ferential input termination is used, the VTT pins should be uncon-
nected and allowed to float.
GND
—
GND - Ground. Dedicated pins. All grounds must be electrically con-
nected at the board level.
VCC
—
VCC - The power supply pins for core logic. Dedicated pins (1.2V/
1.0V).
VCCAUX
—
VCCAUX - Auxiliary power supply pin - powers all differential and
referenced input buffers. Dedicated pins (2.5V).
VCCJ
—
VCCJ - The power supply pin for JTAG Test Access Port.
PROBE_VCC
—
VCC signal - Connected to internal VCC node. Can be used for feed-
back to control an external board power converter. Can be uncon-
nected if not used.
LatticeSC/M Family Data Sheet
Pinout Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com