Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 57 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 57 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 53Page - Lattice Semiconductor LFSC Datasheet HTML 54Page - Lattice Semiconductor LFSC Datasheet HTML 55Page - Lattice Semiconductor LFSC Datasheet HTML 56Page - Lattice Semiconductor LFSC Datasheet HTML 57Page - Lattice Semiconductor LFSC Datasheet HTML 58Page - Lattice Semiconductor LFSC Datasheet HTML 59Page - Lattice Semiconductor LFSC Datasheet HTML 60Page - Lattice Semiconductor LFSC Datasheet HTML 61Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 237 page
background image
3-13
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
LatticeSC/M External Switching Characteristics
3
Over Recommended Commercial Operating Conditions at VCC = 1.2V +/- 5%
Parameter
Description
-7
-6
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.
General I/O Pin Parameters (using Primary Clock without PLL)
2
tCO
Global Clock Input to Output - PIO Output Reg-
ister
2.83
5.74
2.83
6.11
2.83
6.49
ns
tSU
Global Clock Input Setup - PIO Input Register
without fixed input delay
-0.66
—
-0.66
—
-0.66
—
ns
tH
Global Clock Input Hold - PIO Input Register
without fixed input delay
1.73
—
1.95
—
2.16
—
ns
tSU_IDLY
Global Clock Input Setup - PIO Input Register
with input delay
0.86
—
1.03
—
1.20
—
ns
tH_IDLY
Global Clock Input Hold - PIO Input Register
with input delay
-0.17
—
-0.17
—
-0.17
—
ns
fMAX_PFU
Global Clock frequency of PFU register
—
700
—
700
—
700
MHz
fMAX_IO
Global Clock frequency of I/O register
—
1000
—
1000
—
1000
MHz
tGC_SKEW
Global Clock skew
—
89
—
103
—
116
ps
General I/O Pin Parameters (using Primary Clock with PLL)
1, 2
tCO
Global Clock Input to Output - PIO Output Reg-
ister
2.25
4.81
2.25
5.08
2.25
5.37
ns
tSU
Global Clock Input Setup - PIO Input Register
without fixed input delay
-0.07
—
-0.07
—
-0.07
—
ns
tH
Global Clock Input Hold - PIO Input Register
without fixed input delay
0.80
—
0.93
—
1.04
—
ns
General I/O Pin Parameters (using Edge Clock without PLL)
2
tCO
Edge Clock Input to Output - PIO Output Regis-
ter
2.38
4.77
2.38
5.04
2.38
5.33
ns
tSU
Edge Clock Input Setup - PIO Input Register
without fixed input delay
-0.08
—
-0.08
—
-0.08
—
ns
tH
Edge Clock Input Hold - PIO Input Register
0.49
—
0.58
—
0.66
—
ns
tSU_IDLY
Edge Clock Input Setup - PIO Input Register
with input delay
0.81
—
0.97
—
1.12
—
ns
tH_IDLY
Edge Clock Input Hold - PIO Input Register with
input delay
-0.34
—
-0.34
—
-0.34
—
ns
tEC_SKEW
Edge Clock skew
—
28
—
32
—
36
ps
General I/O Pin Parameters (using Latch FF without PLL)
2
tSU
Latch FF, Input Setup - PIO Input Register with-
out fixed input delay
-0.14
—
-0.14
—
-0.14
—
ns
tH
Latch FF, Input Hold - PIO Input Register without
fixed input delay
0.58
—
0.68
—
0.77
—
ns
tSU_IDLY
Latch FF, Input Setup - PIO Input Register with
input delay
0.70
—
0.68
—
0.77
—
ns
tH_IDLY
Latch FF, Input Hold - PIO Input Register with
input delay
-0.30
—
-0.30
—
-0.30
—
ns
1. No PLL delay tuning (clock injection removal mode, system clock feedback).
2. Using LVCMOS25 12mA I/O. Timing adders for other supported I/O technologies are specified in the LatticeSC Family Timing Adders table.
3. Complete Timing Parameters for a user design are incorporated when running ispLEVER. This is a sampling of the key timing parameters.
Timing specs are for non-AIL applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com