Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 3 Page - Lattice Semiconductor

  LFSC Datasheet HTML 1Page - Lattice Semiconductor LFSC Datasheet HTML 2Page - Lattice Semiconductor LFSC Datasheet HTML 3Page - Lattice Semiconductor LFSC Datasheet HTML 4Page - Lattice Semiconductor LFSC Datasheet HTML 5Page - Lattice Semiconductor LFSC Datasheet HTML 6Page - Lattice Semiconductor LFSC Datasheet HTML 7Page - Lattice Semiconductor LFSC Datasheet HTML 8Page - Lattice Semiconductor LFSC Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 237 page
background image
Introduction
Lattice Semiconductor
LatticeSC/M Family Data Sheet
1-2
Table 1-1. LatticeSC Family Selection Guide
The LatticeSCM devices add MACO-enabled IP functionality to the base LatticeSC devices. Table 1-2 shows the
type and number of each pre-engineered IP core.
Table 1-2. LatticeSCM Family
Introduction
The LatticeSC family of FPGA combines a high-performance FPGA fabric, high-speed SERDES, high-perfor-
mance I/Os and large embedded RAM in a single industry leading architecture. This FPGA family is fabricated in a
state of the art technology to provide one of the highest performing FPGAs in the industry.
This family of devices includes features to meet the needs of today’s communication network systems. These fea-
tures include SERDES with embedded advance PCS (Physical Coding sub-layer), up to 7.8 Mbits of sysMEM
embedded block RAM, dedicated logic to support system level standards such as RAPIDIO, HyperTransport,
SPI4.2, SFI-4, UTOPIA, XGMII and CSIX. The devices in this family feature clock multiply, divide and phase shift
PLLs, numerous DLLs and dynamic glitch free clock MUXs which are required in today’s high end system designs.
High speed, high bandwidth I/O make this family ideal for high throughput systems.
Device
SC15
SC25
SC40
SC80
SC115
LUT4s (K)
15
25
40
80
115
sysMEM Blocks (18Kb)
56
104
216
308
424
Embedded Memory (Mbits)
1.03
1.92
3.98
5.68
7.8
Max. Distributed Memory (Mbits)
0.24
0.41
0.65
1.28
1.84
Number of 3.8Gbps SERDES (Max.)
8
16
16
32
32
DLLs
12
12
12
12
12
Analog PLLs
88888
MACO Blocks
4
6
10
10
12
Package I/O/SERDES Combinations (1mm ball pitch)
256-ball fpBGA (17 x 17mm)
139/4
900-ball fpBGA (31 x 31mm)
300/8
378/8
1020-ball fcBGA (33 x 33mm)
476/16
562/16
1152-ball fcBGA (35 x 35mm)
604/16
660/16
660/16
1704-ball fcBGA (42.5 x 42.5mm)
904/32
942/32
Note: The information in this preliminary data sheet is by definition not final and subject to change. Please consult the Lat-
tice website and your local Lattice sales manager to ensure you have the latest information regarding the specifications for
these products as you make critical design decisions.
Device
SCM15
SCM25
SCM40
SCM80
SCM115
flexiMAC Blocks
• 1GbE Mode
• 10GbE Mode
• PCI Express Mode
12224
SPI4.2 Blocks
12222
Memory Controller Blocks
• DDR/DDR2 DRAM Mode
• QDR II/II+ SRAM Mode
• RLDRAM I
• RLDRAM II CIO/SIO
12222
Low Speed CDR Blocks
00222
PCI Express LTSSM (PHY) Blocks
10222
Note: See each IP core user’s guide for more information about support for specific LatticeSCM devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com