Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 29 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 29 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 25Page - Lattice Semiconductor LFSC Datasheet HTML 26Page - Lattice Semiconductor LFSC Datasheet HTML 27Page - Lattice Semiconductor LFSC Datasheet HTML 28Page - Lattice Semiconductor LFSC Datasheet HTML 29Page - Lattice Semiconductor LFSC Datasheet HTML 30Page - Lattice Semiconductor LFSC Datasheet HTML 31Page - Lattice Semiconductor LFSC Datasheet HTML 32Page - Lattice Semiconductor LFSC Datasheet HTML 33Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 237 page
background image
2-25
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Figure 2-26. LatticeSC Banks
Table 2-7. Maximum Number of I/Os Per Bank in LatticeSC Family
The LatticeSC devices contain three types of PURESPEED I/O buffers:
1.
Left and Right Sides (Banks 2, 3, 6 and 7)
These buffers can support LVCMOS standards up to 2.5V. A differential output driver (for LVDS, RSDS, and
HYPT) is provided on all primary PIO pairs (A and B) and differential receivers are available on all pairs. Com-
plimentary drivers are available. Adaptive input logic is available on PIOs A or C.
2.
Top Side (Bank 1)
These buffers can support LVCMOS standards up to 3.3V, including PCI33, PCI-X33 and SSTL-33. Differential
receivers are provided on all PIO pairs but differential drivers for LVDS, RSDS, and HYPT are not available.
Adaptive input logic is not available on this side. Complimentary output drivers are available.
Device
LFSC/M15
LFSC/M25
LFSC/M40
LFSC/M80
LFSC/M115
Bank1
104
80
136
80
136
Bank2
28
36
60
96
136
Bank3
60
84
96
132
156
Bank4
72
100
124
184
208
Bank5
72
100
124
184
208
Bank6
60
84
96
132
156
Bank7
28
36
60
96
136
Note: Not all the I/Os of the Banks are available in all the packages
VREF1[7]
GND
VCCIO7
VTT7
VREF2[7]
VREF1[6]
GND
VCCIO6
VTT6
VREF2[6]
VREF1[2]
GND
VCCIO2
VTT2
VREF2[2]
VREF1[3]
GND
VCCIO3
VTT[3]
VREF2[3]
Bank 4
SERDES
SERDES
Bank 5
Bank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com