Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 61 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 61 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 57Page - Lattice Semiconductor LFSC Datasheet HTML 58Page - Lattice Semiconductor LFSC Datasheet HTML 59Page - Lattice Semiconductor LFSC Datasheet HTML 60Page - Lattice Semiconductor LFSC Datasheet HTML 61Page - Lattice Semiconductor LFSC Datasheet HTML 62Page - Lattice Semiconductor LFSC Datasheet HTML 63Page - Lattice Semiconductor LFSC Datasheet HTML 64Page - Lattice Semiconductor LFSC Datasheet HTML 65Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 237 page
background image
3-17
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
LatticeSC/M Internal Timing Parameters
1
Over Recommended Commercial Operating Conditions at VCC = 1.2V +/- 5%
Parameter
Symbol
Description
-7
-6
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.
PFU Logic Mode Timing
tLUT4_PFU
CTOF_DEL
LUT4 delay (A to D inputs to F output)
—
0.045
—
0.050
—
0.054
ns
tLUT5_PFU
MTOOFX_DEL
LUT5 delay (inputs to output)
—
0.152
—
0.172
—
0.192
ns
tLSR_PFU
LSR_DEL
Set/Reset to output (asynchronous)
—
0.378
—
0.426
—
0.474
ns
tSUM_PFU
M_SET
Clock to Mux (M0,M1) input setup
time
0.113
—
0.131
—
0.148
—
ns
tHM_PFU
M_HLD
Clock to Mux (M0,M1) input hold time -0.041
—
-0.046
—
-0.052
—
ns
tSUD_PFU
DIN_SET
Clock to D input setup time
0.072
—
0.083
—
0.094
—
ns
tHD_PFU
DIN_HLD
Clock to D input hold time
-0.028
—
-0.032
—
-0.035
—
ns
tCK2Q_PFU
REG_DEL
Clock to Q delay, D-type register
configuration
—
0.224
—
0.252
—
0.279
ns
tLE2Q_PFU
LTCH_DEL
Clock to Q delay latch configuration
—
0.294
—
0.331
—
0.367
ns
tLD2Q_PFU
TLTCH_DEL
D to Q throughput delay when latch is
enabled
—
0.300
—
0.338
—
0.376
ns
PFU Memory Mode Timing
tCORAM_PFU
CLKTOF_DEL
Clock to Output
—
0.575
—
0.649
—
0.724
ns
tSUDATA_PFU DIN_SET
Data Setup Time
-0.024
—
-0.026
—
-0.027
—
ns
tHDATA_PFU
DIN_HLD
Data Hold Time
0.075
—
0.084
—
0.094
—
ns
tSUADDR_PFU WAD_SET
Address Setup Time
-0.176
—
-0.196
—
-0.215
—
ns
tHADDR_PFU
WAD_HLD
Address Hold Time
0.110
—
0.124
—
0.138
—
ns
tSUWREN_PFU WE_SET
Write/Read Enable Setup Time
0.014
—
0.019
—
0.024
—
ns
tHWREN_PFU WE_HLD
Write/Read Enable Hold Time
0.078
—
0.086
—
0.094
—
ns
PIC Timing
PIO Input/Output Buffer Timing
tIN_PIO
IN_DEL
Input Buffer Delay(LVCMOS25)
—
0.578
—
0.661
—
0.744
ns
tOUT_PIO
DOPADI_DEL
Output Buffer Delay(LVCMOS25)
—
2.712
—
3.027
—
3.395
ns
tSUI_PIO
DIN_SET
Input Register Setup Time (Data
Before Clock)
-0.156
—
-0.175
—
-0.194
—
ns
tHI_PIO
DIN_HLD
Input Register Hold Time (Data after
Clock)
-0.267
—
-0.306
—
-0.345
—
ns
tCOO_PIO
CK_DEL
Output Register Clock to Output
Delay
—
0.513
—
0.571
—
0.639
ns
tSUCE_PIO
CE_SET
Input Register Clock Enable Setup
Time
—
0.000
—
0.000
—
0.000
ns
tHCE_PIO
CE_HLD
Input Register Clock Enable Hold
Time
—
0.129
—
0.145
—
0.161
ns
tSULSR_PIO
LSR_SET
Set/Reset Setup Time
0.057
—
0.060
—
0.063
—
ns
tHLSR_PIO
LSR_HLD
Set/Reset Hold Time
-0.151
—
-0.159
—
-0.169
—
ns
tLE2Q_PIO
CK_DEL
Input Register Clock to Q delay latch
configuration
—
0.335
—
0.372
—
0.410
ns
tLD2Q_PIO
DIN_DEL
Input Register D to Q throughput
delay when latch is enabled
—
0.578
—
0.647
—
0.717
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com