Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 48 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 48 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 44Page - Lattice Semiconductor LFSC Datasheet HTML 45Page - Lattice Semiconductor LFSC Datasheet HTML 46Page - Lattice Semiconductor LFSC Datasheet HTML 47Page - Lattice Semiconductor LFSC Datasheet HTML 48Page - Lattice Semiconductor LFSC Datasheet HTML 49Page - Lattice Semiconductor LFSC Datasheet HTML 50Page - Lattice Semiconductor LFSC Datasheet HTML 51Page - Lattice Semiconductor LFSC Datasheet HTML 52Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 237 page
background image
3-4
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
PURESPEED I/O Recommended Operating Conditions
VCCIO (V)
VREF (V)
Standard
Min.
Typ.
Max.
Min.
Typ.
Max.
LVCMOS 33
3.135
3.3
3.465
—
—
—
LVCMOS 25
2.375
2.5
2.625
—
—
—
LVCMOS 18
1.71
1.8
1.89
—
—
—
LVCMOS 15
1.425
1.5
1.575
—
—
—
LVCMOS 12
1.14
1.2
1.26
—
—
—
LVTTL
3.135
3.3
3.465
—
—
—
PCI33
3.135
3.3
3.465
—
—
—
PCIX33
3.135
3.3
3.465
—
—
—
PCIX15
1.425
1.5
1.575
0.49VCCIO
0.5VCCIO
0.51VCCIO
AGP1X33
3.135
3.3
3.465
—
—
—
AGP2X33
3.135
3.3
3.465
0.39VCCIO
0.4VCCIO
0.41VCCIO
SSTL18_I, II
3
1.71
1.8
1.89
0.833
0.9
0.969
SSTL25_I, II
3
2.375
2.5
2.625
1.15
1.25
1.35
SSTL33_I, II
3
3.135
3.3
3.465
1.3
1.5
1.7
HSTL15_I, II
3
1.425
1.5
1.575
0.68
0.75
0.9
HSTL15_III
1, 3 and IV1, 3
1.425
1.5
1.575
0.68
0.9
0.9
HSTL 18_I
3, II3
1.71
1.8
1.89
0.816
0.9
1.08
HSTL 18_ III
1, 3, IV1, 3
1.71
1.8
1.89
0.816
1.08
1.08
GTL12
1, 3, GTLPLUS151, 3
—
—
—
0.882
1.0
1.122
LVDS
——————
Mini-LVDS
——————
RSDS
——————
HYPT (Hyper Transport)
——————
LVPECL33 (outputs)
2
3.135
3.3
3.465
—
—
—
LVPECL33 (inputs)
2, 4
—
≤ 2.5
————
BLVDS25
2, 3
2.375
2.5
2.625
—
—
—
MLVDS25
2, 3
2.375
2.5
2.625
—
—
—
SSTL18D_I
3, II3
1.71
1.8
1.89
—
—
—
SSTL25D_I
3, II3
2.375
2.5
2.625
—
—
—
SSTL33D_I
3, II3
3.135
3.3
3.465
—
—
—
HSTL15D_I
3, II3
1.425
1.5
1.575
—
—
—
HSTL18D_I
3, II3
1.71
1.8
1.89
—
—
—
1. Input only.
2. Inputs on chip. Outputs are implemented with the addition of external resisters.
3. Input for this standard does not depend on the value of VCCIO.
4. Inputs for this standard cannot be in 3.3V VCCIO banks (≤ 2.5V only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com