Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 26 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 26 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 22Page - Lattice Semiconductor LFSC Datasheet HTML 23Page - Lattice Semiconductor LFSC Datasheet HTML 24Page - Lattice Semiconductor LFSC Datasheet HTML 25Page - Lattice Semiconductor LFSC Datasheet HTML 26Page - Lattice Semiconductor LFSC Datasheet HTML 27Page - Lattice Semiconductor LFSC Datasheet HTML 28Page - Lattice Semiconductor LFSC Datasheet HTML 29Page - Lattice Semiconductor LFSC Datasheet HTML 30Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 237 page
background image
2-22
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Tristate Register Block
The tristate register block provides the ability to register tri-state control signals from the core of the device before
they are passed to the PURESPEED I/O buffers. The block contains a register for SDR operation and a group of
three registers for DDR and shift register operation. The output signal tri-state control signal (TO) can be derived
directly from one of the inputs (bypass mode), the SDR shift register, the DDR registers or the data associated with
the buffer (for open drain emulation). Figure 2-24 shows the diagram of the Tristate Register Block.
Tristate SDR Register/Latch Block
The SDR register operates on the positive edge of the high-speed clock. In it has a variety of programmable
options for set/reset including, set or reset, asynchronous or synchronous Local Set Reset LSR and Global Set
Reset GSR enable or disable. The register LSR input is driven from LSRO, which is generated from the PIO control
MUX. The GSR input is driven from the GSR output of the PIO control MUX, which allows the global set-reset to be
disabled on a PIO basis.
Tristate DDR/Shift Register Block
The DDR/Shift block is shared with the output block allowing DDR support using the high-speed clock and the
associated transfer from the low-speed clock domain. It functions as a gearbox allowing low–speed parallel data
from the FPGA fabric to provide a high-speed tri-state control stream.
There is a special mode for DDR-II memory interfaces where the termination is controlled by the output tristate sig-
nal. During WRITE cycle when the FPGA is driving the lines, the parallel terminations are turned off. During READ
cycle when the FPGA is receiving data, the parallel terminations are turned on.
Figure 2-24. Tristate Register Block
1
I/O Architecture Rules
Table 2-6 shows the PIO usage for x1, x2, x4 gearing. The checkmarks in the columns show the specific PIOs that
are used for each gearing mode. When using x2 or x4 gearing, any PIO which is not used for gearing can still be
used as an output.
DDR/Shift Register Block2
•
DDR
• DDR + half clock
HCLKOUT
LCLKOUT
From
Routing
TO
(To PURESPEED
I/O Buffer)
From
Control
MUX
From Output
OPOS1
VCC
GND
TD
ONEG1
Notes:
1. CE, Update, Set and Reset not shown for clarity.
2. DDR/Shift Register Block shared with output register block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com