Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 12 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 12 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 8Page - Lattice Semiconductor LFSC Datasheet HTML 9Page - Lattice Semiconductor LFSC Datasheet HTML 10Page - Lattice Semiconductor LFSC Datasheet HTML 11Page - Lattice Semiconductor LFSC Datasheet HTML 12Page - Lattice Semiconductor LFSC Datasheet HTML 13Page - Lattice Semiconductor LFSC Datasheet HTML 14Page - Lattice Semiconductor LFSC Datasheet HTML 15Page - Lattice Semiconductor LFSC Datasheet HTML 16Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 237 page
background image
2-8
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Figure 2-6. Per Quadrant Clock Selection
Secondary Clocks
In addition to the primary clock network and edge clocks the LatticeSC devices also contain a secondary clock net-
work. Built of X6 style routing elements this secondary clock network is ideal for routing slower speed clock and
control signals throughout the device preserving high-speed clock networks for the most timing critical signals.
Edge Clocks
LatticeSC devices have a number of high-speed edge clocks that are intended for use with the PIOs in the imple-
mentation of high-speed interfaces. There are eight edge clocks per bank for the top and bottom of the device. The
left and right sides have eight edge clocks per side for both banks located on that side. Figure 2-7 shows the
arrangement of edge clocks.
Edge clock resources can be driven from a variety of sources. Edge clock resources can be driven from:
• Edge clock PIOs in the same bank
• Primary clock PIOs in the same bank
• Routing
• Adjacent PLLs and DLLs
• ELSR output from the clock divider
12 Primary Clock per Quadrants
12 feedlines per quadrants times 4 + 12 feedlines from upper and lower half
12 Primary Clocks
60 Primary Clock Sources
GND
60
33
GND
GND
From Local
Routing
From Local
Routing
From Local
Routing
60
60
3
Note: GND is available to switch off the network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com