Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 5 Page - Lattice Semiconductor

  LFSC Datasheet HTML 1Page - Lattice Semiconductor LFSC Datasheet HTML 2Page - Lattice Semiconductor LFSC Datasheet HTML 3Page - Lattice Semiconductor LFSC Datasheet HTML 4Page - Lattice Semiconductor LFSC Datasheet HTML 5Page - Lattice Semiconductor LFSC Datasheet HTML 6Page - Lattice Semiconductor LFSC Datasheet HTML 7Page - Lattice Semiconductor LFSC Datasheet HTML 8Page - Lattice Semiconductor LFSC Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 237 page
background image
June 2008
Data Sheet DS1004
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
www.latticesemi.com
2-1
DS1004 Architecture_01.9
Architecture Overview
The LatticeSC architecture contains an array of logic blocks surrounded by Programmable I/O Cells (PIC). Inter-
spersed between the rows of logic blocks are rows of sysMEM Embedded Block RAM (EBR). The upper left and
upper right corners of the devices contain SERDES blocks and their associated PCS blocks, as show in Figure 2-1.
Top left and top right corner of the device contain blocks of SERDES. Each block of SERDES contains four chan-
nels (quad). Each channel contains a single serializer and de-serializer, synchronization and word alignment logic.
The SERDES quad connects with the Physical Coding Sub-layer (PCS) blocks that contain logic to simultaneously
perform alignment, coding, de-coding and other functions. The SERDES quad block has separate supply, ground
and reference voltage pins.
The PICs contain logic to facilitate the conditioning of signals to and from the I/O before they leave or enter the
FPGA fabric. The block provides DDR and shift register capabilities that act as a gearbox between high speed I/O
and the FPGA fabric. The blocks also contain programmable Adaptive Input Logic that adjusts the delay applied to
signals as they enter the device to optimize setup and hold times and ensure robust performance.
sysMEM EBRs are large dedicated fast memory blocks. They can be configured as RAM, ROM or FIFO. These
blocks have dedicated logic to simplify the implementation of FIFOs.
The PFU, PIC and EBR blocks are arranged in a two-dimensional grid with rows and columns as shown in
Figure 2-1. These blocks are connected with many vertical and horizontal routing channel resources. The place
and route software tool automatically allocates these routing resources.
The corners contain the sysCLOCK Analog Phase Locked Loop (PLL) and Delay Locked Loop (DLL) Blocks. The
PLLs have multiply, divide and phase shifting capability; they are used to manage the phase relationship of the
clocks. The LatticeSC architecture provides eight analog PLLs per device and 12 DLLs. The DLLs provide a simple
delay capability and can also be used to calibrate other delays within the device.
Every device in the family has a JTAG Port with internal Logic Analyzer (ispTRACY) capability. The sysCONFIG™
port which allows for serial or parallel device configuration. The system bus simplifies the connections of the exter-
nal microprocessor to the device for tasks such as SERDES and PCS configuration or interface to the general
FPGA logic. The LatticeSC devices use 1.2V as their core voltage operation with 1.0V operation also possible.
LatticeSC/M Family Data Sheet
Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com