Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 5Page - Lattice Semiconductor LFSC Datasheet HTML 6Page - Lattice Semiconductor LFSC Datasheet HTML 7Page - Lattice Semiconductor LFSC Datasheet HTML 8Page - Lattice Semiconductor LFSC Datasheet HTML 9Page - Lattice Semiconductor LFSC Datasheet HTML 10Page - Lattice Semiconductor LFSC Datasheet HTML 11Page - Lattice Semiconductor LFSC Datasheet HTML 12Page - Lattice Semiconductor LFSC Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 237 page
background image
2-5
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Modes of Operation
Each Slice is capable of four modes of operation: Logic, Ripple, RAM and ROM. Table 2-2 lists the modes and the
capability of the Slice blocks.
Table 2-2. Slice Modes
Logic Mode
In this mode, the LUTs in each Slice are configured as combinatorial lookup tables. A LUT4 can have 16 possible
input combinations. Any logic function with four inputs can be generated by programming this lookup table. Since
there are two LUT4s per Slice, a LUT5 can be constructed within one Slice. Larger lookup tables such as LUT6,
LUT7 and LUT8 can be constructed by concatenating other Slices in the PFU.
Ripple Mode
Ripple mode allows the efficient implementation of small arithmetic functions. In ripple mode, the following func-
tions can be implemented by each Slice:
• Addition 2-bit
• Subtraction 2-bit
• Up counter 2-bit
• Down counter 2-bit
• Comparator functions of A and B inputs
- A greater-than-or-equal-to B
- A not-equal-to B
- A less-than-or-equal-to B
Ripple Mode includes an optional configuration that performs arithmetic using fast carry chain methods. In this con-
figuration (also referred to as CCU2 mode) two additional signals, Carry Generate and Carry Propagate, are gener-
ated on a per slice basis to allow fast arithmetic functions to be constructed by concatenating Slices.
RAM Mode
In this mode, distributed RAM can be constructed using each LUT block as a 16x1-bit memory. Through the combi-
nation of LUTs and Slices, a variety of different memories can be constructed.
The Lattice design tools support the creation of a variety of different size memories. Where appropriate, the soft-
ware will construct these using distributed memory primitives that represent the capabilities of the Slice. Table 2-3
shows the number of Slices required to implement different distributed RAM primitives. Dual port memories involve
the pairing of two Slices, one Slice functions as the read-write port. The other companion Slice supports the read-
only port. For more information on RAM mode, please see details of additional technical documentation at the end
of this data sheet.
Table 2-3. Number of Slices Required For Implementing Distributed RAM
ROM Mode
The ROM mode uses the same principal as the RAM modes, but without the Write port. Pre-loading is accom-
plished through the programming interface during configuration.
Logic
Ripple
RAM
ROM
PFU Slice
LUT 4x2 or LUT 5x1
2-bit Arithmetic Unit
SPR 16x2
DPR 16x2
ROM 16x2
SPR16x2
DPR16x2
Number of Slices
1
2
Note: SPR = Single Port RAM, DPR = Dual Port RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com