Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFSC Datasheet(PDF) 19 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 19 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 15Page - Lattice Semiconductor LFSC Datasheet HTML 16Page - Lattice Semiconductor LFSC Datasheet HTML 17Page - Lattice Semiconductor LFSC Datasheet HTML 18Page - Lattice Semiconductor LFSC Datasheet HTML 19Page - Lattice Semiconductor LFSC Datasheet HTML 20Page - Lattice Semiconductor LFSC Datasheet HTML 21Page - Lattice Semiconductor LFSC Datasheet HTML 22Page - Lattice Semiconductor LFSC Datasheet HTML 23Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 237 page
background image
2-15
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
EBR Asynchronous Reset
EBR asynchronous reset or GSR (if used) can only be applied if all clock enables are low for a clock cycle before the
reset is applied and released a clock cycle after the low-to-high transition of the reset, as shown in Figure 2-16.
Figure 2-16. EBR Asynchronous Reset (Including GSR) Timing Diagram
If all clock enables remain enabled, the EBR asynchronous reset or GSR may only be applied and released after
the EBR read and write clock inputs are in a steady state condition for a minimum of 1/fMAX (EBR clock). The reset
release must adhere to the EBR synchronous reset setup time before the next active read or write clock edge.
If an EBR is pre-loaded during configuration, the GSR input must be disabled or the release of the GSR during
device Wake Up must occur before the release of the device I/Os becoming active.
These instructions apply to all EBR RAM, ROM, FIFO and shift register implementations. For the EBR FIFO mode,
the GSR signal is always enabled and the WE and RE signals act like the clock enable signals in Figure 2-16. The
reset timing rules apply to the RPReset input vs. the RE input and the RST input vs. the WE and RE inputs. Both
RST and RPReset are always asynchronous EBR inputs. For the EBR shift register mode, the GSR signal is
always enabled and the local RESET pin is always asynchronous.
Note that there are no reset restrictions if the EBR synchronous reset is used and the EBR GSR input is disabled.
For more information about on-chip memory, see TN1094, On-Chip Memory Usage Guide for LatticeSC Devices.
Programmable I/O Cells (PIC)
Each PIC contains four PIOs connected to their respective PURESPEED I/O Buffer which are then connected to
the PADs as shown in Figure 2-17. The PIO Block supplies the output data (DO) and the Tri-state control signal
(TO) to PURESPEED I/O buffer, and receives input (DI) from the buffer. The PIO contains advanced capabilities to
allow the support of speeds up to 2Gbps. These include dedicated shift and DDR logic and adaptive input logic.
The dedicated resources simplify the design of robust interfaces.
Reset
Clock
Clock
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com